Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87334Q3D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87334Q3D
Description  CSD87334Q3D Synchronous Buck NexFET Power Block
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87334Q3D Datasheet(HTML) 3 Page - Texas Instruments

  CSD87334Q3D Datasheet HTML 1Page - Texas Instruments CSD87334Q3D Datasheet HTML 2Page - Texas Instruments CSD87334Q3D Datasheet HTML 3Page - Texas Instruments CSD87334Q3D Datasheet HTML 4Page - Texas Instruments CSD87334Q3D Datasheet HTML 5Page - Texas Instruments CSD87334Q3D Datasheet HTML 6Page - Texas Instruments CSD87334Q3D Datasheet HTML 7Page - Texas Instruments CSD87334Q3D Datasheet HTML 8Page - Texas Instruments CSD87334Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CSD87334Q3D
www.ti.com
SLPS546 – JULY 2015
5 Specifications
5.1 Absolute Maximum Ratings
TA = 25°C (unless otherwise noted) (see
(1))
MIN
MAX
UNIT
VIN to PGND
30
V
VSW to PGND
30
V
Voltage
VSW to PGND (10 ns)
32
V
TG to TGR
–8
10
V
BG to PGND
–8
10
V
IDM
Pulsed current rating
60
A
PD
Power dissipation
6
W
Sync FET, ID = 31 A, L = 0.1 mH
48
EAS
Avalanche energy
mJ
Control FET, ID = 31 A, L = 0.1 mH
48
TJ
Operating junction temperature
–55
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
5.2 Recommended Operating Conditions
TA = 25° (unless otherwise noted)
MIN
MAX
UNIT
VGS
Gate drive voltage
3.3
8
V
VIN
Input supply voltage
24
V
ƒSW
Switching frequency
CBST = 0.1 µF (min)
1500
kHz
Operating current
20
A
TJ
Operating temperature
125
°C
5.3 Power Block Performance
TA = 25° (unless otherwise noted) (see
(1))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 12 V, VGS = 5 V, VOUT = 3.3 V,
PLOSS
Power loss(1)
IOUT = 12 A, ƒSW = 500 kHz,
1.6
W
LOUT = 1 µH, TJ = 25ºC
IQVIN
VIN quiescent current
TG to TGR = 0 V BG to PGND = 0 V
10
µA
(1)
Measurement made with six 10-µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5-V driver IC.
5.4 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-ambient thermal resistance (min Cu)(1)
130
RθJA
°C/W
Junction-to-ambient thermal resistance (max Cu)(1)(2)
75
Junction-to-case thermal resistance (top of package)(1)
21
RθJC
°C/W
Junction-to-case thermal resistance (PGND pin)
(1)
2.1
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45 cm2), 2-oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch
(3.81 cm × 3.81 cm), 0.06-inch (1.52 mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45 cm2) Cu.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD87334Q3D


Similar Part No. - CSD87334Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI1-CSD87330Q3D Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
CSD87330Q3D TI-CSD87330Q3D_15 Datasheet
978Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD87334Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com