Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21853SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS21853SPBF
Description  DUAL HIGH SIDE DRIVER IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21853SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS21853SPBF Datasheet HTML 5Page - International Rectifier IRS21853SPBF Datasheet HTML 6Page - International Rectifier IRS21853SPBF Datasheet HTML 7Page - International Rectifier IRS21853SPBF Datasheet HTML 8Page - International Rectifier IRS21853SPBF Datasheet HTML 9Page - International Rectifier IRS21853SPBF Datasheet HTML 10Page - International Rectifier IRS21853SPBF Datasheet HTML 11Page - International Rectifier IRS21853SPBF Datasheet HTML 12Page - International Rectifier IRS21853SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IRS21853SPBF
9
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 3A. Turn-On Tim e
vs. Tem perature
Typ.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 3B. Turn-On Tim e
vs. Supply Voltage
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 4A. Turn-Off Tim e
vs. Tem perature
Typ.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 4B. Turn-Off Tim e
vs. Supply Voltage
Typ.
0
20
40
60
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 5A. Turn-On Rise Tim e
vs.Tem perature
Typ.
0
20
40
60
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 5B. Turn-On Rise Tim e
vs. Supply Voltage
Typ.


Similar Part No. - IRS21853SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results

Similar Description - IRS21853SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21851SPBF IRF-IRS21851SPBF Datasheet
398Kb / 16P
   SINGLE HIGH SIDE DRIVER IC
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
Infineon Technologies A...
AUIRS2123S INFINEON-AUIRS2123S Datasheet
589Kb / 19P
   High Voltage ICs HIGH SIDE DRIVER IC
Rev. 2.1 2017-07-28
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com