Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX668-MAX669 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX668-MAX669
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668-MAX669 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX668-MAX669 Datasheet HTML 2Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 3Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 4Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 5Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 6Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 7Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 8Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 9Page - Maxim Integrated Products MAX668-MAX669 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuits of Figures 2, 3, 4, and 5; TA = +25°C; unless otherwise noted.)
1.240
1.242
1.243
1.241
1.245
1.246
1.244
1.248
1.249
1.247
1.250
-40
-20
0
20
40
60
80
100
REFERENCE VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
0
100
150
50
250
300
200
400
450
350
500
0
100
200
300
400
500
SWITCHING FREQUENCY vs. ROSC
ROSC (kΩ)
VCC = 5V
0
100
300
400
500
600
-40
0
-20
20
40
60
80
100
SWITCHING FREQUENCY vs.
TEMPERATURE
TEMPERATURE (
°C)
200
100k
165k
499k
VIN = 5V
100
1000
10,000
EXT RISE/FALL TIME vs.
CAPACITANCE
CAPACITANCE (pF)
60
0
10
20
30
40
50
tR, VCC = 3.3V
tF, VCC = 3.3V
tR, VCC = 5V
tF, VCC = 5V


Similar Part No. - MAX668-MAX669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
82Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6680 MAXIM-MAX6680 Datasheet
248Kb / 17P
   ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 1; 1/05
More results

Similar Description - MAX668-MAX669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
MAX668 MAXIM-MAX668_02 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012_10 Datasheet
656Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com