Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21858SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS21858SPBF
Description  High(Dual Mode) Side Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21858SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS21858SPBF_15 Datasheet HTML 5Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 6Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 7Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 8Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 9Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 10Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 11Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 12Page - International Rectifier IRS21858SPBF_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IRS21858SPBF
www.irf.com
© 2008 International Rectifier
9
Dynamic Electrical Characteristics (All values are target data)
(VCC-COM)= (VB-VS)=15V. TA = 25ºC. CL = 1000pF unless otherwise specified. All parameters are
reference to COM.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Internal Operational Amplifier Characteristics
t ref_ln_ramp1
Vref Falling time of Linear ramp
reference 9V to 2V
---
277.8
---
µs
GBD*
CREF =1nF, VSE open,
RRES1 =100K, HIN1=5V,
HIN2=com
t ref_ln_ramp2
Vref Falling time of Linear ramp
reference 9V to 2V
---
14
---
µs
GBD*
CREF =1nF, VSE open,
RRES2 =4.99K, HIN1=5V,
HIN2=5V
I ref_ln_ramp1
Vref DC current of Linear ramp
reference at 5V
22.68
25.2
27.72
uA
CREF =1nF, VSE open,
RRES1 =100K, HIN1=5V,
HIN2=com
I ref_ln_ramp2
Vref DC current of Linear ramp
reference at 5V
450
500
550
uA
CREF =1nF, VSE open,
RRES2 =4.99K, HIN1=5V,
HIN2=5V
Gm
OTA transconductance
---
12
---
mS
CL_HO=1nF,
RRES1,2 open
Gopen loop
Open loop gain
45
60
---
dB
Cc =1nF,
RRES1,2 open
BWSS
Small signal bandwidth
---
3.5
---
MHz
Cc =1nF,
RRES1,2 open
VOS
Input offset voltage
---
20
---
mV
RRES1,2 open
HO SR+
Output positive slew rate
---
4.5
---
V/µs
CL_HO=1nF,
RRES1,2 open
CMRR
Common mode rejection ratio
50
65
---
dB
RRES1,2 open
PSRR
Power supply rejection ratio
50
65
---
dB
RRES1,2 open
Propagation Delay Characteristics
t on
Turn-on delay (HO, HO3)
---
160
260
t off
Turn-off delay (HO, HO3)
---
160
260
t r
Turn-on rise from 10% to 90%
---
60
110
t f
Turn-off fall from 90% to 10%
---
20
50
MT
Delay matching, HO & HO3 turn-
on/off
50
ns
Gate Drive Mode
CL =1nF
GBD*: Guaranteed by design


Similar Part No. - IRS21858SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
More results

Similar Description - IRS21858SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21856SPBF IRF-IRS21856SPBF_15 Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21856SPBF IRF-IRS21856SPBF Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21956SPBF IRF-IRS21956SPBF_15 Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21956S IRF-IRS21956S Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
logo
Motorola, Inc
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com