Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21858SPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS21858SPBF
Description  High(Dual Mode) Side Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21858SPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS21858SPBF Datasheet HTML 4Page - International Rectifier IRS21858SPBF Datasheet HTML 5Page - International Rectifier IRS21858SPBF Datasheet HTML 6Page - International Rectifier IRS21858SPBF Datasheet HTML 7Page - International Rectifier IRS21858SPBF Datasheet HTML 8Page - International Rectifier IRS21858SPBF Datasheet HTML 9Page - International Rectifier IRS21858SPBF Datasheet HTML 10Page - International Rectifier IRS21858SPBF Datasheet HTML 11Page - International Rectifier IRS21858SPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IRS21858SPBF
www.irf.com
© 2008 International Rectifier
8
Static Electrical Characteristics (All values are target data)
(VCC-COM) = (VB-VS)=15V. TA = 25ºC. The VIN, VIN TH and IIN parameters are referenced to COM. The VO
and IO parameters are referenced to VS and are applicable to the respective output leads HO, HO3. The
VCCUV parameters are referenced to COM. The VBSUV parameters are referenced to VS.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VCCUV+
VCC supply undervoltage positive going
threshold
8.0
8.9
9.8
VCCUV-
VCC supply undervoltage negative
going threshold
7.4
8.2
9.0
VBSUV+
VBS supply undervoltage positive going
threshold
8.0
8.9
9.8
VBSUV-
VBS supply undervoltage negative
going threshold
7.4
8.2
9.0
V
ILK
High side floating well offset supply
leakage current
---
---
50
µA
VB = VS = 600V
---
2.5
3.75
IN1, 2 = 5V
IQBS
Quiescent VBS supply current
---
1.45
2.2
mA
IN1, 2 = 0V
IQCC
Quiescent VCC supply current
---
120
250
µA
IN1,2,3 = 0V or 5V
VIH
Logic “1” input voltage
3.5
---
---
VIL
Logic “0” input voltage
---
---
0.8
V
IIN+
Logic “1” input bias current
---
10
---
VIN =5V
IIN -
Logic “0” input bias current
---
0
---
µA
VIN =0V
Io+_ HO,HO3
Output high short circuit pulsed current
---
290
---
VO=15V,VIN=5V,
PW<=10us
Io-_ HO,HO3
Output low short circuit pulsed current
---
600
---
mA
VO=0V,VIN=0V,
PW<=10us
VOL _
HO, HO3
Low level output voltage
---
30
110
mV
Io=2mA
VOH _
HO, HO3
High level output voltage, Vbias-Vo
---
50
130
mV
Io=2mA


Similar Part No. - IRS21858SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
More results

Similar Description - IRS21858SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21856SPBF IRF-IRS21856SPBF_15 Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21856SPBF IRF-IRS21856SPBF Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21956SPBF IRF-IRS21956SPBF_15 Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21956S IRF-IRS21956S Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
logo
Motorola, Inc
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com