Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21962SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21962SPBF
Description  Dual channel high-side drivers with floating input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21962SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS21962SPBF_15 Datasheet HTML 1Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 2Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 3Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 4Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 5Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 6Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 7Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 8Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IRS21962S
www.irf.com
© 2008 International Rectifier
3
Description
The IRS21962 is a high voltage, high speed power MOSFET and IGBT driver with propagation delay matched
output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic
construction. The floating logic input is compatible with standard 5 V CMOS or LSTTL logic and can be
operated up to 600 volts above the COM ground. The output driver feature a 500 mA high pulse current buffer
stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel
power MOSFET or IGBT in the high side configuration, which operates up to 600 V above COM ground.


Similar Part No. - IRS21962SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
More results

Similar Description - IRS21962SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
IRS21956SPBF IRF-IRS21956SPBF_15 Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21956S IRF-IRS21956S Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com