Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6470UT33AD3 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6470UT33AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6470UT33AD3 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6470UT33AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 9Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 10Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 11Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 12Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 13Page - Maxim Integrated Products MAX6470UT33AD3 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
10
______________________________________________________________________________________
remotely sense the output voltage of the device. Using
FB with an external NPN transistor, the current drive
capability can be increased according to the following
equation (Figure 2):
IOUT(TOTAL) = IOUT (
β+1)
The external NPN pass transistor must meet specifica-
tions for current gain, power dissipation, and collector
current. The beta influences the maximum output cur-
rent the circuit can deliver. The largest guaranteed out-
put current is given by ILOAD (max) = 300mA
× beta
(min). The transistor’s rated power dissipation must
exceed the actual power dissipated in the transistor.
The power dissipated (PD) equals the maximum load
current (ILOAD (max)) times the maximum input-to-out-
put voltage differential: PD = ILOAD (max)
× (VIN (max) -
VOUT). The rated transistor collector current must
exceed the maximum load current.
Reverse Leakage Protection
Reverse OUT to IN Current
An internal circuit monitors the MAX6469–MAX6484
input and output voltages. When the output voltage is
greater than the input voltage, the internal IN-to-OUT
pass transistor and parasitic diode turn off. An external
voltage applied to OUT does not reverse charge a bat-
tery or power source applied to IN (the leakage path
from OUT to IN is 0.01µA typ). When the output voltage
exceeds the input voltage, OUT powers the device and
shutdown must be logic high (greater than 0.7 VOUT).
RESET asserts until IN exceeds OUT and OUT is above
the specified VTHOUT threshold (based on the selected
or adjusted regulator OUT nominal voltage).
Reverse OUT to Ground Current
The MAX6469–MAX6484 maintain a low OUT-to-GND
reverse-current flow when the IN power source is
removed. When IN floats (input battery removed) and
SHDN is pulled up to VOUT (by an external diode), the
OUT-to-GND current through the LDO is 40µA (typ). The
regulator output can be held up with an external super
capacitor or backup battery at OUT until the IN battery is
replaced. The RESET output is asserted while the IN bat-
tery is removed to place the system in a low-power
mode. Volatile memory content is maintained until the
super capacitor or battery voltage drops below RAM
standby specifications. RESET deasserts when the IN
battery has been replaced and OUT exceeds the
desired reset threshold. For nonrechargeable backup
battery applications, place a reverse diode between
OUT and the backup battery (to prevent battery charg-
ing). The external diode does not affect the regulator’s
dropout voltage because it is not between the LDO out-
put and the processor/memory Vcc supply. The diode
can be replaced with a current-limiting resistor for
rechargeable backup battery applications.
Current Limit
The MAX6469–MAX6484 include an internal current-
limit circuit that monitors and controls the pass transis-
tor’s gate voltage, limiting the output current to 450mA
(min). The output can be shorted to ground indefinitely
without damaging the part.
Thermal Shutdown
When the junction temperature (TJ) exceeds +180°C
(typ), the thermal sensor signals the shutdown logic,
turning off the pass transistor and allowing the IC to
Figure 3. Battery Backup
MAX6469–
MAX6484
µP
MEMORY
OUT
IN
SHDN
3.0V
LITHIUM
REMOVABLE
LITHIUM ION OR
3-CELL
ALKALINE
REMOVABLE
LITHIUM ION OR
3-CELL
ALKALINE
MAX6469–
MAX6484
µP
MEMORY
OUT
IN
SHDN
SUPERCAP
3.3
µF
3.3
µF
Figure 2. High-Current, External Transistor Application
MAX6475/MAX6476
MAX6483/MAX6484
RPULLUP
0.1
µF
3.3
µF
330
µP
5.0V
OUT
FB
RESET
GND
IN
VCC = 3.3V
1A TOTAL CURRENT


Similar Part No. - MAX6470UT33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6470UT_D_-T MAXIM-MAX6470UT_D_-T Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
More results

Similar Description - MAX6470UT33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com