Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6471TA15AD3 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6471TA15AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6471TA15AD3 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6471TA15AD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6471TA15AD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
(All voltages referenced to GND, unless otherwise noted.)
IN, SHDN, OUT, FB ..................................................-0.3V to +7V
MR, SET .......................................................-0.3V to (VIN + 0.3V)
RESET (push-pull) ...................................-0.3V to (VOUT + 0.3V)
RESET (open drain)..................................................-0.3V to +7V
OUT Short Circuit .......................................................Continuous
Input/Output Current (all pins except IN and OUT) ............20mA
Continuous Power Dissipation (TA = +70°C)
3 x 3 UCSP (derate 10.5mW/°C above +70°C) ............840mW
6-Pin SOT23 (derate 9.1mW/°C above +70°C).............727mW
8-Pin Thin QFN
(derate 24.4mW/°C above +70°C) ..............................1951mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = (VOUT + 0.5V) or +2.5V, whichever is greater, COUT = 3.3µF, TA = -40°C to +85°C. Typical specifications are at TA = +25°C,
unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Input Undervoltage Lockout
VUVLO
VIN falling
2.25
2.47
V
IOUT = 0
82
136
Supply Current (Ground Current)
IQ
IOUT = 300mA
96
µA
Shutdown Supply Current
ISHDN
TA = +25°C
0.1
1
µA
REGULATOR CIRCUIT
Output Current
300
mA
1mA
≤ IOUT ≤ 150mA, TA = +25°C
-1.3
+1.3
1mA
≤ IOUT ≤ 150mA, TA = -40°C to +85°C
-2.3
+2.3
Output Voltage Accuracy (Fixed
Output Voltage Operation,
Table 1) MAX6469–MAX6476
1mA
≤ IOUT ≤ 300mA, TA = -40°C to +85°C
-2.7
+2.7
%
2mA
≤ IOUT ≤ 100mA, TA = +25°C
-1.1
+1.1
2mA
≤ IOUT ≤ 100mA, TA = -40°C to +85°C
-2.0
+2.0
Output Voltage Accuracy (Fixed
Output Voltage Operation,
Table 1) MAX6477–MAX6484
2mA
≤ IOUT ≤ 300mA, TA = -40°C to +85°C
(Note 3)
-2.5
+2.5
%
Adjustable Output Voltage Range
VSET
5.0
V
SET Reference Voltage
VSET
1.200
1.229
1.258
V
SET Dual Mode
TM Threshold
185
mV
SET Input Leakage Current
ISET
VSET = 0, +1.2V (Note 3)
±20
±100
nA
Dual Mode is a trademark of Maxim Integrated Products, Inc.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The MAX6477–MAX6484 are constructed using a unique set of packaging techniques that impose a limit on the thermal pro-
file the devices can be exposed to during board-level solder attach and rework. This limit permits only the use of the solder
profiles recommended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and
Convection reflow. Pre-heating is required. Hand or wave soldering is not allowed.


Similar Part No. - MAX6471TA15AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6470 MAXIM-MAX6470 Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX6470EVKIT MAXIM-MAX6470EVKIT Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX6470TA_D_-T MAXIM-MAX6470TA_D_-T Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6470UT_D_-T MAXIM-MAX6470UT_D_-T Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6476 MAXIM-MAX6476 Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results

Similar Description - MAX6471TA15AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com