Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6676-MAX6677 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6676-MAX6677
Description  Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6676-MAX6677 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6676-MAX6677 Datasheet HTML 1Page - Maxim Integrated Products MAX6676-MAX6677 Datasheet HTML 2Page - Maxim Integrated Products MAX6676-MAX6677 Datasheet HTML 3Page - Maxim Integrated Products MAX6676-MAX6677 Datasheet HTML 4Page - Maxim Integrated Products MAX6676-MAX6677 Datasheet HTML 5Page - Maxim Integrated Products MAX6676-MAX6677 Datasheet HTML 6Page - Maxim Integrated Products MAX6676-MAX6677 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Low-Voltage, 1.8kHz PWM Output Temperature
Sensors
6
_______________________________________________________________________________________
Galvanic Isolation
Use an optocoupler to isolate the MAX6676/MAX6677
whenever a high common-mode voltage is present.
Choose an optocoupler with equal turn-on and turn-off
times. Unequal turn-on/turn-off times produce an error
in the temperature reading (Figure 3).
Thermal Considerations
Self-heating may cause the temperature measurement
accuracy of the MAX6676/MAX6677 to degrade in
some applications. The quiescent dissipation and the
power dissipated by the digital output may cause
errors in obtaining the accurate temperature measure-
ment. The temperature errors depend on the thermal
conductivity of the package (SOT23, +140°C/W), the
mounting technique, and the airflow. Static dissipation
is typically 4.0µW operating at 5V with no load. For
example, an out load of 3mA creates a maximum error
of less than 0.1°C.
Multiple Logic Voltages
Use the MAX6676 open-drain output to drive devices
operating at supply voltages other than the MAX6676’s
VCC. As shown in Figure 4, connect a pullup resistor
from the other supply voltage to the MAX6676 output.
Limit the resistor’s current to less than 1mA, thus main-
taining an output low logic level of less than 200mV.
Chip Information
TRANSISTOR COUNT: 2096
PROCESS: BiCMOS
3.3V
DOUT
VISO
MAX6676AUT3
Figure 3. Galvanic Isolation Using an Optocoupler
VCC
DOUT
MAX6676
VDD
5.1k
Figure 4. Low-Voltage Logic


Similar Part No. - MAX6676-MAX6677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6676AUT3-T MAXIM-MAX6676AUT3-T Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6676AUT5-T MAXIM-MAX6676AUT5-T Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
More results

Similar Description - MAX6676-MAX6677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6672 MAXIM-MAX6672_V01 Datasheet
1Mb / 7P
   PWM Output Temperature Sensors in SC70 Packages
2014
MAX6672 MAXIM-MAX6672 Datasheet
125Kb / 6P
   PWM Output Temperature Sensors in SC70 Packages
Rev 0; 10/02
logo
Analog Devices
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_10 Datasheet
341Kb / 20P
   Low Voltage Temperature Sensors
Rev. F
TMP35 AD-TMP35 Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com