Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7E3R1-40E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK7E3R1-40E
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7E3R1-40E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7E3R1-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7E3R1-40E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK7E3R1-40E
N-channel TrenchMOS standard level FET
BUK7E3R1-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
11 September 2012
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ciss
input capacitance
-
4650
6200
pF
Coss
output capacitance
-
885
1065
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
470
640
pF
td(on)
turn-on delay time
-
24
-
ns
tr
rise time
-
29
-
ns
td(off)
turn-off delay time
-
54
-
ns
tf
fall time
VDS = 30 V; RL = 1.2 Ω; VGS = 10 V;
RG(ext) = 5 Ω
-
32
-
ns
LD
internal drain
inductance
from upper edge of drain mounting
base to center of die
-
2.5
-
nH
LS
internal source
inductance
from source lead to source bonding
pad
-
7.5
-
nH
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.82
1.2
V
trr
reverse recovery time
-
38.8
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V
-
44.6
-
nC
003aah124
0
80
160
240
320
400
0
0.5
1
1.5
VDS(V)
ID
(A)
VGS(V) = 20
4.5
5
6
8
10
4
5.5
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aah050
0
2.5
5
7.5
10
4
8
12
16
20
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - BUK7E3R1-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7E3R1-40E NEXPERIA-BUK7E3R1-40E Datasheet
723Kb / 13P
   N-channel TrenchMOS standard level FET
More results

Similar Description - BUK7E3R1-40E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com