Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910PT Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 910PT
Description  Voltage rating up to 2600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

910PT Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  910PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 910PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.01
0.02
0.03
0.001
0.01
0.1
1
10
0
500
1000
1500
2000
2500
0
200
400
600
800
1000
1200
30
60
90
120
180
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
1400
30
60
90
120
180
0
400
800
1200
1600
2000
0
300
600
900
1200
1500
30
60
90
120
180
270
DC
0
20
40
60
80
100
120
140
0
500
1000
1500
2000
2500
D
270
180
120
90
60
30
Max. Junction to heatsink thermal impedance Vs. Time
Fig. 2
Time , S
Max. Power Dissipation Vs. Mean on-state Current
Fig. 3
180
0
Conduction Angle
Mean on-state current , A
Max. heatsink Temperature Vs. Mean on-state Current
Fig. 4
180
0
Conduction Angle
Mean on-state current , A
Mean on-state current , A
Max. heatsink Temperature Vs. Mean on-state Current
Fig. 6
360
Conduction Angle
Mean on-state current , A
360
Conduction Angle
Max. Power Dissipation Vs. Mean on-state Current
Fig. 5
0.5
1
1.5
2
2.5
3
100
1000
10000
Instantaneous on-state current , A
Peak on-state voltage Vs. Peak on-state Current
Fig. 1
Tj = 125 C
DC
910PT Series RoHS
RoHS
Page 2 of 2
www.nellsemi.com


Similar Part No. - 910PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
   Phase Control Thyristors
More results

Similar Description - 910PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
395PT NELLSEMI-395PT Datasheet
834Kb / 3P
   Voltage rating up to 1600V
800PT NELLSEMI-800PT Datasheet
883Kb / 3P
   Voltage rating up to 1600V
1010PT NELLSEMI-1010PT Datasheet
1Mb / 5P
   Voltage rating up to 3800V
2550PT NELLSEMI-2550PT Datasheet
1Mb / 6P
   Voltage rating up to 3600V
1150PT NELLSEMI-1150PT Datasheet
2Mb / 2P
   Voltage rating up to 2000V
NK3D80 NELLSEMI-NK3D80 Datasheet
912Kb / 2P
   Voltage rating up to 1600V
NK3D130 NELLSEMI-NK3D130 Datasheet
882Kb / 2P
   Voltage rating up to 1600V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com