Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7E4R6-60E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK7E4R6-60E
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7E4R6-60E Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7E4R6-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7E4R6-60E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NXP Semiconductors
BUK7E4R6-60E
N-channel TrenchMOS standard level FET
BUK7E4R6-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
11 September 2012
3 / 12
Symbol
Parameter
Conditions
Min
Max
Unit
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
ID = 100 A; Vsup ≤ 60 V; RGS = 50 Ω;
VGS = 60 V; Tj(init) = 25 °C; unclamped;
Fig. 3
[2][3]
-
273
mJ
[1] Continuous current is limited by package.
[2] Single-pulse avalanche rating limited by maximum junction temperature of 175 °C.
[3] Refer to application note AN10273 for further information.
003aah495
0
50
100
150
200
0
50
100
150
200
Tmb(°C)
ID
(A)
(1)
(1) Capped at 100A due to package
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature
003aah496
10-1
1
10
102
103
10-3
10-2
10-1
1
10
tAL(ms)
IAL
(A)
(1)
(2)
(3)
Fig. 3. Single pulse avalanche rating; avalanche current as a function of avalanche time


Similar Part No. - BUK7E4R6-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7E4R6-60E NEXPERIA-BUK7E4R6-60E Datasheet
720Kb / 12P
   N-channel TrenchMOS standard level FET
More results

Similar Description - BUK7E4R6-60E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com