Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010PT Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 1010PT
Description  Voltage rating up to 3800V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

1010PT Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  1010PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 1010PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 1010PT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 1010PT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 1010PT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 5
www.nellsemi.com
1010PT Series


Similar Part No. - 1010PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1010PTDO NELLSEMI-1010PTDO Datasheet
1Mb / 5P
   Phase Control Thyristors
More results

Similar Description - 1010PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
395PT NELLSEMI-395PT Datasheet
834Kb / 3P
   Voltage rating up to 1600V
800PT NELLSEMI-800PT Datasheet
883Kb / 3P
   Voltage rating up to 1600V
2550PT NELLSEMI-2550PT Datasheet
1Mb / 6P
   Voltage rating up to 3600V
910PT NELLSEMI-910PT Datasheet
126Kb / 2P
   Voltage rating up to 2600V
1150PT NELLSEMI-1150PT Datasheet
2Mb / 2P
   Voltage rating up to 2000V
NK3D80 NELLSEMI-NK3D80 Datasheet
912Kb / 2P
   Voltage rating up to 1600V
NK3D130 NELLSEMI-NK3D130 Datasheet
882Kb / 2P
   Voltage rating up to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com