Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS27951S Datasheet(PDF) 6 Page - International Rectifier

Part # IRS27951S
Description  RESONANT HALF-BRIDGE CONVERTER CONTROL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS27951S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS27951S Datasheet HTML 2Page - International Rectifier IRS27951S Datasheet HTML 3Page - International Rectifier IRS27951S Datasheet HTML 4Page - International Rectifier IRS27951S Datasheet HTML 5Page - International Rectifier IRS27951S Datasheet HTML 6Page - International Rectifier IRS27951S Datasheet HTML 7Page - International Rectifier IRS27951S Datasheet HTML 8Page - International Rectifier IRS27951S Datasheet HTML 9Page - International Rectifier IRS27951S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IRS27951S
IRS27952(4)S
6
www.irf.com
© 2012 International Rectifier
November 8
th, 2012
Electrical Characteristics
VCC=VBS=15V, VS=0V, CVCC=CBS=0.1uF, CLO=CHO=1nF, RT=50.5k
Ω, CT=200pF and TA = 25°C unless
otherwise specified. The output voltage and current (VO and IO) parameters are referenced to COM and are
applicable to the respective HO and LO output leads.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Voltage Supply Characteristics
V
CCUV+
V
CC turn on threshold
10.1
11
11.9
V
N/A
V
CCUV-
V
CC turn off threshold
(Under Voltage Lock Out)
8.1
9
9.9
V
CCUVHYS
V
CC undervoltage lockout hysteresis
---
2
---
I
CCSTART
V
CC startup current
---
50
100
µA
V
CC = VCCUV+
-0.1V
I
SLEEP
Sleep mode V
CC supply current
---
150
200
V
CT/SD<VEN2, VBS=0V
IQCC
Quiescent V
CC supply current
---
2
2.5
mA
VEN1 < VCT/SD < 4.5V
ICC46KHz
V
CC operating current @ fosc = 46KHz
---
3.1
4.5
RT=50.5k
ICC285KHz
V
CC operating current @ fosc = 285KHz
---
8.7
11
RT=7.32k
Floating Supply Characteristics
V
BSUV+
VBS turn on threshold
7.6
8.5
9.4
V
N/A
V
BSUV-
V
BS turn on threshold
(Under Voltage Lock Out)
7
7.9
8.8
V
BSUVHYS
V
BS undervoltage lockout hysteresis
---
0.6
---
I
LKVS
VS Offset supply leakage current
---
---
50
µA
V
B = VS = 600 V
I
BSSTART
V
BS startup current
---
50
100
V
BS ≤ VBSUV+ - 0.1V
IQBS
Quiescent V
BS supply current
---
50
100
VEN1 < VCT/SD < 4.5V
IBS46KHz
V
BS operating current @ fosc = 46KHz
---
1
1.5
mA
RT=50.5k
IBS285KHz
V
BS operating current @ fosc = 285KHz
---
5.7
7
RT=7.32k
Oscillator I/O Characteristics
f
SW
Oscillator frequency
44.3
46.6
48.9
kHz
CT=200pF,
RT=50.5k
271
285
299
CT=200pF,
RT=7.32k
V
CT+
Upper CT ramp voltage threshold
---
5.0
---
V
GBD
V
CT-
Lower CT ramp voltage threshold
---
3.0
---
ICTSTART
CT/SD pin startup current
---
10
---
µA
V
CT/SD < VEN1
VRT
Voltage reference at RT pin
1.92
2.0
2.08
V
CM
Current mirror ratio
---
1
---
A/A
D
Output duty cycle (LO and HO)
---
50
---
%
tDT
High/low output dead time
170
210
250
ns
CT=200pF


Similar Part No. - IRS27951S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS27951S IRF-IRS27951S Datasheet
550Kb / 28P
   Programmable minimum and maximum switching frequency
IRS27951SPBF IRF-IRS27951SPBF Datasheet
550Kb / 28P
   Programmable minimum and maximum switching frequency
IRS27951STRPBF IRF-IRS27951STRPBF Datasheet
550Kb / 28P
   Programmable minimum and maximum switching frequency
More results

Similar Description - IRS27951S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G-1 INFINEON-ICE1HS01G-1 Datasheet
1Mb / 19P
   Half-Bridge Resonant Controller
Version 2.0, 04 July 2011
logo
Rohm
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
logo
MPS Industries, Inc.
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com