Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8156L-D16-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 8156L-D16-T
Description  8 FUNCTIONS X?셃AS LIGHT CONTROL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8156L-D16-T Datasheet(HTML) 3 Page - Unisonic Technologies

  8156L-D16-T Datasheet HTML 1Page - Unisonic Technologies 8156L-D16-T Datasheet HTML 2Page - Unisonic Technologies 8156L-D16-T Datasheet HTML 3Page - Unisonic Technologies 8156L-D16-T Datasheet HTML 4Page - Unisonic Technologies 8156L-D16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8156
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-010,D
ELECTRICAL CHARACTERISTICS (@VDD=4V unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
4
5
V
Operating Current
IOP
No load
2
mA
Oscillator Frequency
FOSC
±30% TOL.
250
KHz
Operating Temperature
TOPR.
0
25
60
°C


Similar Part No. - 8156L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8156L-D16-T UTC-8156L-D16-T Datasheet
159Kb / 5P
   8 FUNCTIONS X?셃AS LIGHT CONTROL
8156L-D16-T UTC-8156L-D16-T Datasheet
159Kb / 5P
   CMOS IC
More results

Similar Description - 8156L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8156 UTC-8156_12 Datasheet
159Kb / 5P
   8 FUNCTIONS X?셃AS LIGHT CONTROL
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M80056B ETC1-M80056B Datasheet
120Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
M80056B-1 ETC1-M80056B-1 Datasheet
124Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80056B-1 MOSDESIGN-M80056B-1 Datasheet
164Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
List of Unclassifed Man...
M8077 ETC1-M8077 Datasheet
153Kb / 3P
   8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
XAL-D324 ETC2-XAL-D324 Datasheet
4Mb / 46P
   Contact functions and light functions with integral LED
logo
Everlight Electronics C...
CRANE-FUN-P10-CW-SD-PW-CH EVERLIGHT-CRANE-FUN-P10-CW-SD-PW-CH Datasheet
381Kb / 6P
   Multi-functions: Reading light, night light, and clock modes.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com