Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UIC809G-X-AE2-3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UIC809G-X-AE2-3-R
Description  MICROPROCESSOR RESET CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC809G-X-AE2-3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UIC809G-X-AE2-3-R Datasheet HTML 1Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 2Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 3Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 4Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 5Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 6Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 7Page - Unisonic Technologies UIC809G-X-AE2-3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UIC809
CMOS IC
www.unisonic.com.tw
5 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R119-024.A
TYPICAL APPLICATION CIRCUIT
UTC
UIC809
VCC
RESET
µP
VCC
RESET
VCC
APPLICATION INFORMATION
Microprocessor Reset
As soon as VCC falls below the reset threshold voltage, the RESET pin is asserted. But the RESET pin can
keep asserted for a period of 140ms after VCC rose above the reset threshold voltage. After a power failure the reset
operation can keep the processor being reset and powers up properly.
VCC Transients
The UTC UIC809 series won’t cause a reset typically as this situation: a negative-going transient 125mV below
the reset threshold with a duration of 20µs or less.
Interfacing to Bidirectional Reset Pins
Connecting a 4.7kΩ resistor in series with the UTC UIC809 series output and the µP reset pin can make the UTC
UIC809
series interface with µPs with bidirectional reset pins.
RESET Valid at Low Voltage
As the figure below, adding a resistor which is recommended 100kΩ can ensure the RESET output remains low
with VCC down to 0V. The size of the resistor should be not too large which will load the output excessively and not too
small which can pull-down any stray leakage currents.


Similar Part No. - UIC809G-X-AE2-3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC809G-X-AE2-3-R UTC-UIC809G-X-AE2-3-R Datasheet
231Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - UIC809G-X-AE2-3-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com