Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1652L-D08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US1652L-D08-T
Description  PRIMARY-SIDE REGULATION PWM POWER SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1652L-D08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  US1652L-D08-T Datasheet HTML 1Page - Unisonic Technologies US1652L-D08-T Datasheet HTML 2Page - Unisonic Technologies US1652L-D08-T Datasheet HTML 3Page - Unisonic Technologies US1652L-D08-T Datasheet HTML 4Page - Unisonic Technologies US1652L-D08-T Datasheet HTML 5Page - Unisonic Technologies US1652L-D08-T Datasheet HTML 6Page - Unisonic Technologies US1652L-D08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US1652
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R129-002.b
PRIMARY-SIDE REGULATION
PWM POWER SWITCH
DESCRIPTION
The UTC US1652 is a primary control switch mode charger and
adapter applications. The controlled variable is transferred by an
auxiliary winding from the secondary to the primary side. The
device integrates PWM controller to enhance the performance of
discontinuous conduction mode (DCM) flyback converters.
The UTC US1652 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It
operates in fixed frequency mode at large load conditions,
frequency reduction mode at light/medium load and ‘Extended
burst mode’ at No/light load conditions. So that low standby power
can be achieved.
The UTC US1652 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, VDD over voltage protection, VDD clamp, OTP,
leading edge blanking, VDD under voltage lockout, etc.
FEATURES
DIP-8
* Programmable CV and CC regulation
* Primary-side sensing and regulation with No TL431 and
opto-coupler
* Multi-mode operation for high efficiency
* Adjustable constant current and output power setting
* Power on soft-start time (4ms)
* Frequency shuffling and adjustable gate drive greatly
improving EMI
* ”Extended burst mode control” for improved efficiency
and minimum standby design
* Built-in leading edge blanking (LEB)
* VDD under voltage lockout
* VDD over voltage shutdown and clamp
* Cycle-by-Cycle current limiting
* Fail-safe protection for open loop fault condition
* Auto-restart in over voltage condition
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US1652L-D08-T
US1652G-D08-T
DIP-8
Tube
(1) T: Tube
(2) D08: DIP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
US1652L-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - US1652L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1652L-D08-T UTC-US1652L-D08-T Datasheet
290Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - US1652L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
   PRIMARY-SIDE REGULATION PWM POWER SWITCH
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
   PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
   Primary-Side Regulation PWM Power Switch
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com