Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2005G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US2005G-AG6-R
Description  FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2005G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US2005G-AG6-R Datasheet HTML 1Page - Unisonic Technologies US2005G-AG6-R Datasheet HTML 2Page - Unisonic Technologies US2005G-AG6-R Datasheet HTML 3Page - Unisonic Technologies US2005G-AG6-R Datasheet HTML 4Page - Unisonic Technologies US2005G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US2005
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-A04.a
AC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Turn-ON Rise Time
tRISE
RL=10Ω, CLOAD=1µF, VOUT=10%~90%
500
1000
1500
μs
Delay Before Asserting Or
Releasing FLG
tD_FAULT
Time from Current Limiting to FLG State
Change. UTC US2005
20
32
49
ms
Output Turn-ON Delay
tON_DLY RL=43Ω, CL=120µF, VEN=50%~VOUT=90%
1000
1500
μs
Output Turn-OFF Delay
tOFF_DLY RL=43Ω, CL=120µF, VEN=50%~VOUT=90%
700
μs
Notes:1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.


Similar Part No. - US2005G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US2005G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Monolithic Power System...
MP6219 MPS-MP6219 Datasheet
715Kb / 11P
   5V, 1A ??2A Programmable Current Limit Power Distribution Switch
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
   High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com