Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6368LKA23-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6368LKA23-T
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6368LKA23-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6368LKA23-T Datasheet HTML 1Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 2Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 3Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 4Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 5Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 6Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 7Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 8Page - Maxim Integrated Products MAX6368LKA23-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
-40
0
20
-20
40
60
80
VCC TO OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3.0V
IOUT = 65mA
VCC = 4.5V
IOUT = 150mA
VCC = 2.3V
IOUT = 25mA
190
195
205
200
210
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
0
30
15
75
60
45
135
120
105
90
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
VCC TO RESET PROPAGATION DELAY
vs. TEMPERATURE
VCC FALLING
0.25V/ms
1V/ms
10V/ms
2.0
3.0
2.5
5.0
4.5
4.0
3.5
RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
MAX636_ 46 (VTH = 4.63V)
MAX636_ 26 (VTH = 2.63V)
1
100
10
1000
10,000
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE VTH - VCC (mV)
400
300
350
250
200
0
50
150
100
MAX636_ 26
(VTH = 2.63V)
MAX636_ 46
(VTH = 4.63V)
RESET OCCURS
ABOVE CURVE
0
3
2
1
5
4
9
8
7
6
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
BATTERY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
VTH = 2.93V
VBATT = 2.8V
VBATT = 2.5V
VBATT = 2.3V


Similar Part No. - MAX6368LKA23-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6368LKA__-T MAXIM-MAX6368LKA__-T Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
More results

Similar Description - MAX6368LKA23-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com