Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6732 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6732
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6732 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6732 Datasheet HTML 1Page - Maxim Integrated Products MAX6732 Datasheet HTML 2Page - Maxim Integrated Products MAX6732 Datasheet HTML 3Page - Maxim Integrated Products MAX6732 Datasheet HTML 4Page - Maxim Integrated Products MAX6732 Datasheet HTML 5Page - Maxim Integrated Products MAX6732 Datasheet HTML 6Page - Maxim Integrated Products MAX6732 Datasheet HTML 7Page - Maxim Integrated Products MAX6732 Datasheet HTML 8Page - Maxim Integrated Products MAX6732 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = +0.8V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WATCHDOG INPUT
tWD-L
First watchdog period after reset
timeout period
35
54
72
Watchdog Timeout Period
tWD-S
Normal mode
1.12
1.68
2.24
s
WDI Pulse Width
tWDI
(Note 2)
50
ns
VIL
0.3
× VCC1
WDI Input Voltage
VIH
0.7
× VCC1
V
WDI Input Current
IWDI
WDI = 0 or VCC1-1
+1
µA
RESET/WATCHDOG OUTPUT
VCC1 or VCC2
≥ +0.8V,
ISINK = 1µA, output asserted
0.3
VCC1 or VCC2
≥ +1.0V,
ISINK = 50µA, output asserted
0.3
VCC1 or VCC2
≥ +1.2V,
ISINK = 100µA, output asserted
0.3
VCC1 or VCC2
≥ +2.7V,
ISINK = 1.2mA, output asserted
0.3
RST / WDO Output Low Voltage
(Push-Pull or Open Drain)
VOL
VCC1 or VCC2
≥ +4.5V,
ISINK = 3.2mA, output asserted
0.4
V
VCC1
≥ +1.8V, ISOURCE = 200µA,
output not asserted
0.8
× VCC1
VCC1
≥ +2.7V, ISOURCE = 500µA,
output not asserted
0.8
× VCC1
RST / WDO Output High Voltage
(Push-Pull Only)
VOH
VCC1
≥ +4.5V, ISOURCE = 800µA,
output not asserted
0.8
× VCC1
V
RST / WDO Output Open-Drain
Leakage Current
Output not asserted
0.5
µA
Note 1: Devices tested at TA = +25°C. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Parameter guaranteed by design.


Similar Part No. - MAX6732

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6732 MAXIM-MAX6732 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6732 MAXIM-MAX6732 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6732AUT MAXIM-MAX6732AUT Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6732AUTD MAXIM-MAX6732AUTD Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6732AUTD-T MAXIM-MAX6732AUTD-T Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
More results

Similar Description - MAX6732

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730_11 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com