Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3375 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US3375
Description  POWER DISTRIBUTION SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3375 Datasheet(HTML) 7 Page - Unisonic Technologies

  US3375_15 Datasheet HTML 1Page - Unisonic Technologies US3375_15 Datasheet HTML 2Page - Unisonic Technologies US3375_15 Datasheet HTML 3Page - Unisonic Technologies US3375_15 Datasheet HTML 4Page - Unisonic Technologies US3375_15 Datasheet HTML 5Page - Unisonic Technologies US3375_15 Datasheet HTML 6Page - Unisonic Technologies US3375_15 Datasheet HTML 7Page - Unisonic Technologies US3375_15 Datasheet HTML 8Page - Unisonic Technologies US3375_15 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
US3075-US3375
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-423.G
TYPICAL CHARACTERISTICS
(VIN= 5V, 3275H, CIN=1μF, COUT=1μF, VEN=0V, TA=25°C, unless otherwise specified.)
Time (400μs/div)
5V
0
0
2V
4V
Turn on delay time and rise time
10V
6V
8V
0
2000
4000
Time (1ms/div)
5V
0
0
2V
4V
Turn off delay time and fall time
10V
6V
8V
0
510
VIN=5V
CL=120μF
RL=5Ω
VIN=5V
CL=120μF
RL=5Ω
5V
0
0
5V
Inrush Current With Different
Load Capacitance
0
2000
4000
Time (400μs/div)
0
0.5A
1A
5V
0
0
5V
0
2000
4000
Time (400μs/div)
0
0.5A
1A
CL=10μF
Inrush Current With Different
Load Capacitance
CL=120μF
10V
10V
VIN=5V
RL=5Ω
VIN=5V
RL=5Ω
5V
0
0
5V
0
510
Time (1ms/div)
0
0.5A
1A
Inrush Current With Different
Load Capacitance
10V
CL=220μF
VIN=5V
RL=5Ω
VIN=5V
CL=47μF
RL=1Ω
Thermal Shutdown Response


Similar Part No. - US3375_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3375HG-P08-R UTC-US3375HG-P08-R Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3375HG-S08-R UTC-US3375HG-S08-R Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3375HG-SM1-R UTC-US3375HG-SM1-R Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3375LG-P08-R UTC-US3375LG-P08-R Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3375LG-S08-R UTC-US3375LG-S08-R Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
More results

Similar Description - US3375_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
   Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
   Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
   Power Distribution Switch
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
   Power Distribution Switch
Ver: 0.94 Aug 02, 2016
G548S GMT-G548S Datasheet
123Kb / 1P
   Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
   Power Distribution Switch
G557 GMT-G557 Datasheet
75Kb / 1P
   Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com