Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58J89IRGC25 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS58J89IRGC25
Description  ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58J89IRGC25 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS58J89IRGC25 Datasheet HTML 4Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 5Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 6Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 7Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 8Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 9Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 10Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 11Page - Texas Instruments ADS58J89IRGC25 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
ADS58J89
SBAS659 – NOVEMBER 2014
www.ti.com
6.6 Electrical Characteristics: 250 MSPS Output, 2x Decimation Filter
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500 MSPS, 50%
clock duty cycle, AVDD33 = 3.3 V; AVDD18 = 1.9 V; AVDDC, DVDD, IOVDD, PLLVDD = 1.8 V, –1-dBFS differential input,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒIN = 10 MHz
68.3
ƒIN = 100 MHz
68.2
SNR
Signal-to-noise ratio
ƒIN = 170 MHz
65
68.2
dBFS
ƒIN = 310 MHz
67.6
ƒIN = 450 MHz
66.8
ƒIN = 10 MHz
85
ƒIN = 100 MHz
85
HD2
Second harmonic distortion
ƒIN = 170 MHz
75
85
dBc
ƒIN = 310 MHz
85
ƒIN = 450 MHz
75
ƒIN = 10 MHz
85
ƒIN = 100 MHz
85
HD3
Third harmonic distortion
ƒIN = 170 MHz
75
85
dBc
ƒIN = 310 MHz
85
ƒIN = 450 MHz
85
ƒIN = 10 MHz
95
ƒIN = 100 MHz
95
SFDR
Spur free dynamic range
(Non-HD2,
ƒIN = 170 MHz
75
95
dBc
(excluding HD2 and HD3)
Non-HD3)
ƒIN = 310 MHz
90
ƒIN = 450 MHz
85
IMD3
2F1-F2, 2F2-F1, Ain = –7 dBFS
FIN = 169 and 171 MHz
93
dBFS
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS58J89


Similar Part No. - ADS58J89IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J63 TI-ADS58J63 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPR TI1-ADS58J63IRMPR Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPT TI1-ADS58J63IRMPT Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
More results

Similar Description - ADS58J89IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H43 TI-ADS58H43 Datasheet
2Mb / 58P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com