Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-025 Datasheet(PDF) 11 Page - International Rectifier

Part # IRSM505-025
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-025 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRSM505-025_15 Datasheet HTML 7Page - International Rectifier IRSM505-025_15 Datasheet HTML 8Page - International Rectifier IRSM505-025_15 Datasheet HTML 9Page - International Rectifier IRSM505-025_15 Datasheet HTML 10Page - International Rectifier IRSM505-025_15 Datasheet HTML 11Page - International Rectifier IRSM505-025_15 Datasheet HTML 12Page - International Rectifier IRSM505-025_15 Datasheet HTML 13Page - International Rectifier IRSM505-025_15 Datasheet HTML 14Page - International Rectifier IRSM505-025_15 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IRSM505-025
IRSM515-025 Series
11
www.irf.com
© 2014 International Rectifier
November 24, 2014
Figure 8: VTH vs TTH with VTH pin pulled up to VCC with a 7.
Ω (1%, 1
ppm) resistor.
A 15V, 1% variation in VCC is assumed.
Figure 9: TTH vs TJ for a module without a heat sink. VCC=15.3V, R=7.50kΩ
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
T
TH (°C)
min
typical
max
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160
T
J (°C)


Similar Part No. - IRSM505-025_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-025DA INFINEON-IRSM505-025DA Datasheet
638Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-025DA2 INFINEON-IRSM505-025DA2 Datasheet
638Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-025PA INFINEON-IRSM505-025PA Datasheet
638Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM505-025_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com