Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US12231 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US12231
Description  POWER INTERFACE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231 Datasheet(HTML) 3 Page - Unisonic Technologies

  US12231 Datasheet HTML 1Page - Unisonic Technologies US12231 Datasheet HTML 2Page - Unisonic Technologies US12231 Datasheet HTML 3Page - Unisonic Technologies US12231 Datasheet HTML 4Page - Unisonic Technologies US12231 Datasheet HTML 5Page - Unisonic Technologies US12231 Datasheet HTML 6Page - Unisonic Technologies US12231 Datasheet HTML 7Page - Unisonic Technologies US12231 Datasheet HTML 8Page - Unisonic Technologies US12231 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 15
www.unisonic.com.tw
QW-R502-A82.a
BLOCK DIAGRAM
3.3VIN
AUXIN
1.5VIN
CPUSB
CPPE
STBY
SHDN
GND
Control
Logic
S1
S2
S3
S4
S5
S6
Current
Limit
Thermal
Shutdown
Delay
AUXIN
AUXIN
SYSRST
PERST
RCLKEN
OC
1.5VOUT
AUXOUT
3.3VOUT
UVLO
UVLO
UVLO
Current
Limit
Current
Limit
PG
3
2
1
8
19
20
13/
14
17
6/7
4/5
18
15/
16
12
11
10


Similar Part No. - US12231

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
logo
Apacer Technology Inc.
US120-UFD5 APACER-US120-UFD5 Datasheet
924Kb / 4P
   USB flash drive
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-25CL UNISEM-US1205-25CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-30CL UNISEM-US1205-30CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - US12231

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Richtek Technology Corp...
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
   Express Card Power Interface Switch
RT9716A RICHTEK-RT9716A Datasheet
279Kb / 17P
   Express Card Power Interface Switch
logo
Texas Instruments
TPS2212IDBR TI-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com