Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX682 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX682
Description  3.3V-Input to Regulated 5V-Output Charge Pumps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX682 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX682 Datasheet HTML 2Page - Maxim Integrated Products MAX682 Datasheet HTML 3Page - Maxim Integrated Products MAX682 Datasheet HTML 4Page - Maxim Integrated Products MAX682 Datasheet HTML 5Page - Maxim Integrated Products MAX682 Datasheet HTML 6Page - Maxim Integrated Products MAX682 Datasheet HTML 7Page - Maxim Integrated Products MAX682 Datasheet HTML 8Page - Maxim Integrated Products MAX682 Datasheet HTML 9Page - Maxim Integrated Products MAX682 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3.3V-Input to Regulated 5V-Output
Charge Pumps
6
_______________________________________________________________________________________
Detailed Description
The MAX682/MAX683/MAX684 charge pumps provide
a regulated 5V output from a 2.7V to 5.5V input. They
deliver a maximum of 250mA, 100mA, or 50mA load
current, respectively. Designed specifically for com-
pact applications, a complete regulator circuit requires
only three small external capacitors and one resistor.
An externally adjustable switching frequency and inno-
vative control scheme allow the circuit to be optimized
for efficiency, size, or output noise. The devices also
contain a shutdown feature.
The MAX682/MAX683/MAX684 consist of an error
amplifier, a 1.23V bandgap reference, an internal resis-
tive feedback network, an oscillator, high-current MOS-
FET switches, and shutdown and control logic (Figure
1). Figure 2 shows an idealized unregulated charge-
pump voltage doubler. The oscillator runs at a 50%
duty cycle. During one half of the period, the transfer
capacitor (CX) charges to the input voltage. During the
other half, the doubler stacks the voltage across CX
and the input voltage, and transfers the sum of the two
voltages to the output filter capacitor (COUT). Rather
than simply doubling the input voltage, the
MAX682/MAX683/MAX684 provide a regulated fixed
output voltage (5V) using either skip mode or constant-
frequency mode. Skip mode and constant-frequency
mode are externally selected via the SKIP input pin.
Skip Mode
In skip mode (SKIP = low), the error amplifier disables
switching when it detects an output higher than 5V. The
device then skips switching cycles until the output volt-
age drops. Then the error amplifier reactivates the
oscillator. Figure 3 illustrates the regulation scheme.
This regulation method minimizes operating current
because the device does not switch continuously. SKIP
is a logic input and should not remain floating.
Constant-Frequency Mode
When SKIP is high, the charge pump runs continuously
at the selected frequency. Figure 4 shows a block dia-
gram of the device in constant-frequency mode. The
error amplifier controls the charge on CX by driving the
gate of the N-channel FET. When the output voltage
falls, the gate drive increases, resulting in a larger volt-
age across CX. This regulation scheme minimizes out-
put ripple. Since the device switches continuously, the
CXP
OUT
1.23V
EN
SHDN
PGND
SWITCHES
CONTROL
LOGIC
CXN
SHDN
SKIP
IN
OSC
IN
S1
S2
CIN
COUT
OUT
CX
OSC
Figure 2. Unregulated Voltage Doubler
IN
S1
S2
CIN
CX
OUT
OSCILLATOR
EN
Figure 3. Skip-Mode Regulation
Figure 1. Functional Block Diagram


Similar Part No. - MAX682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6820 MAXIM-MAX6820 Datasheet
204Kb / 8P
   SOT23 Power-Supply Sequencers
Rev 2; 4/02
MAX6820UT-T MAXIM-MAX6820UT-T Datasheet
527Kb / 8P
   SOT23 Power-Supply Sequencers
Rev 3; 12/05
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6821LUK-T MAXIM-MAX6821LUK-T Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6821MUK-T MAXIM-MAX6821MUK-T Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
More results

Similar Description - MAX682

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
   3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
   Regulated 3.3V Charge Pump
Rev 0; 4/97
MAX20067EVKIT MAXIM-MAX20067EVKIT Datasheet
1Mb / 13P
   Double-Stage Positive- and Negative-Regulated Charge Pumps
Rev 0; 8/17
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com