Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7K35-60E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7K35-60E
Description  BUK7K35-60E_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7K35-60E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7K35-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 10Page - NXP Semiconductors BUK7K35-60E_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BUK7K35-60E
Dual N-channel 60 V, 30 mΩ standard level MOSFET
BUK7K35-60E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
15 November 2013
7 / 13
003aak256
0
1
2
3
4
5
6
7
8
0
8
16
24
32
40
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 8. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aah028
10-6
10-5
10-4
10-3
10-2
10-1
0
2
4
6
VGS(V)
ID
(A)
max
typ
min
Fig. 9. Sub-threshold drain current as a function of
gate-source voltage
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 10. Gate-source threshold voltage as a function of
junction temperature
003aak263
0
4
8
12
16
20
0
20
40
60
80
100
120
ID (A)
RDSon
RDSon
5 V
5 V
5.5 V
5.5 V
6 V
6 V
7 V
7 V
10 V
10 V
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values


Similar Part No. - BUK7K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
   Dual N-channel 60 V, 30 m廓 standard level MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com