Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6821
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6821 Datasheet HTML 1Page - Maxim Integrated Products MAX6821 Datasheet HTML 2Page - Maxim Integrated Products MAX6821 Datasheet HTML 3Page - Maxim Integrated Products MAX6821 Datasheet HTML 4Page - Maxim Integrated Products MAX6821 Datasheet HTML 5Page - Maxim Integrated Products MAX6821 Datasheet HTML 6Page - Maxim Integrated Products MAX6821 Datasheet HTML 7Page - Maxim Integrated Products MAX6821 Datasheet HTML 8Page - Maxim Integrated Products MAX6821 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
3
5
4
7
6
9
8
10
12
11
13
-40
0
20
40
-20
60
80
100 120
SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
VCC = +5V, L VERSION
VCC = +3.3V, S VERSION
VCC = +1.8V, V VERSION
150
170
160
190
180
210
200
220
240
230
250
-40
0
20
40
-20
60
80
100 120
RESET TIMEOUT PERIOD vs.
TEMPERATURE
TEMPERATURE (
°C)
0
10
5
20
15
30
25
35
-40
0
20
-20
40
60
80
100 120
VCC TO RESET OUTPUT DELAY vs.
TEMPERATURE
TEMPERATURE (
°C)
VCC FALLING, VCC = VTH - 100mV
1.0
1.2
1.1
1.4
1.3
1.6
1.5
1.7
1.9
1.8
2.0
-40
0
20
40
-20
60
80
100 120
WATCHDOG TIMEOUT PERIOD vs.
TEMPERATURE
TEMPERATURE (
°C)
0.94
0.96
1.00
0.98
1.04
1.02
1.06
-40
0
20
-20
40
60
80
100 120
NORMALIZED RESET THRESHOLD
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
0
60
40
20
80
100
120
080
60
20 40
100 120 140 160 180 200
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV), VTH - VCC
RESET OCCURS
ABOVE CURVE
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
02
3
1
4567
VOLTAGE OUTPUT LOW vs. ISINK
ISINK (mA)
VCC = +2.9V
2.74
2.78
2.76
2.82
2.80
2.84
2.86
2.90
2.88
2.92
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
VOLTAGE OUTPUT HIGH vs. ISOURCE
ISOURCE (mA)
VCC = +2.9V


Similar Part No. - MAX6821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821UK-T MAXIM-MAX6821UK-T Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6821_UK-T MAXIM-MAX6821_UK-T Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
More results

Similar Description - MAX6821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com