Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y3R5-40E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7Y3R5-40E
Description  N-channel 40 V, 3.5 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y3R5-40E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7Y3R5-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 10Page - NXP Semiconductors BUK7Y3R5-40E_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BUK7Y3R5-40E
N-channel 40 V, 3.5 mΩ standard level MOSFET in LFPAK56
BUK7Y3R5-40E
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
19 June 2015
7 / 13
003aag960
0
1
2
3
4
5
6
7
8
0
36
72
108
144
180
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 8. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature
003aah028
10-6
10-5
10-4
10-3
10-2
10-1
0
2
4
6
VGS(V)
ID
(A)
max
typ
min
Fig. 10. Sub-threshold drain current as a function of
gate-source voltage
003aag970
0
2
4
6
8
10
0
50
100
150
ID(A)
RDSon
(mΩ)
VGS(V) = 10
5
6
6.5
7
8
Tj = 25 °C; tp = 300 µs
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values


Similar Part No. - BUK7Y3R5-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y3R5-40E NEXPERIA-BUK7Y3R5-40E Datasheet
743Kb / 13P
   N-channel 40 V, 3.5 m廓 standard level MOSFET in LFPAK56
More results

Similar Description - BUK7Y3R5-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y3R5-40E NEXPERIA-BUK7Y3R5-40E Datasheet
743Kb / 13P
   N-channel 40 V, 3.5 m廓 standard level MOSFET in LFPAK56
BUK7Y3R5-40H NEXPERIA-BUK7Y3R5-40H Datasheet
299Kb / 14P
   N-channel 40 V, 3.5 m廓 standard level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y4R4-40E PHILIPS-BUK7Y4R4-40E_15 Datasheet
302Kb / 13P
   N-channel 40 V, 4.4 m廓 standard level MOSFET in LFPAK56
7 May 2013
BUK7Y4R4-40E NXP-BUK7Y4R4-40E Datasheet
294Kb / 13P
   N-channel 40 V, 4.4 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y12-40E NXP-BUK7Y12-40E Datasheet
321Kb / 13P
   N-channel 40 V, 12 m廓 standard level MOSFET in LFPAK56
14 February 2013
logo
Nexperia B.V. All right...
BUK7Y2R0-40H NEXPERIA-BUK7Y2R0-40H Datasheet
268Kb / 13P
   N-channel 40 V, 2.0 m廓 standard level MOSFET in LFPAK56
BUK7Y2R5-40H NEXPERIA-BUK7Y2R5-40H Datasheet
270Kb / 13P
   N-channel 40 V, 2.5 m廓 standard level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y29-40E NXP-BUK7Y29-40E Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y7R6-40E NXP-BUK7Y7R6-40E Datasheet
312Kb / 13P
   N-channel 40 V, 7.6 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y21-40E PHILIPS-BUK7Y21-40E_15 Datasheet
331Kb / 13P
   N-channel 40 V, 21 m廓 standard level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com