Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6827 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6827
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6827 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6827 Datasheet HTML 1Page - Maxim Integrated Products MAX6827 Datasheet HTML 2Page - Maxim Integrated Products MAX6827 Datasheet HTML 3Page - Maxim Integrated Products MAX6827 Datasheet HTML 4Page - Maxim Integrated Products MAX6827 Datasheet HTML 5Page - Maxim Integrated Products MAX6827 Datasheet HTML 6Page - Maxim Integrated Products MAX6827 Datasheet HTML 7Page - Maxim Integrated Products MAX6827 Datasheet HTML 8Page - Maxim Integrated Products MAX6827 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V for MAX68_ _L/M, VCC = +2.7V to +3.6V for MAX68_ _T/S/R, VCC = +2.1V to +2.75V for MAX68_ _Z/Y,
VCC = +1.53V to +2.0V for MAX68_ _W/V; TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40
°C to +85°C
2.244
2.313
2.381
Z
TA = -40
°C to +125°C
2.238
2.313
2.388
TA = -40
°C to +85°C
2.119
2.188
2.257
Y
TA = -40
°C to +125°C
2.113
2.188
2.263
TA = -40
°C to +85°C
1.615
1.665
1.715
W
TA = -40
°C to +125°C
1.611
1.665
1.719
TA = -40
°C to +85°C
1.525
1.575
1.625
V
TA = -40
°C to +125°C
1.521
1.575
1.629
TA = -40
°C to +85°C
1.346
1.388
1.429
I
TA = -40
°C to +125°C
1.343
1.388
1.433
TA = -40
°C to +85°C
1.271
1.313
1.354
H
TA = -40
°C to +125°C
1.268
1.313
1.358
TA = -40
°C to +85°C
1.077
1.110
1.143
G
TA = -40
°C to +125°C
1.074
1.110
1.146
TA = -40
°C to +85°C
1.017
1.050
1.083
F
TA = -40
°C to +125°C
1.014
1.050
1.086
TA = -40
°C to +85°C
0.808
0.833
0.858
E
TA = -40
°C to +125°C
0.806
0.833
0.860
TA = -40
°C to +85°C
0.762
0.788
0.813
VCC2 Reset Threshold
VTH2
D
TA = -40
°C to +125°C
0.761
0.788
0.815
V
Reset Threshold Temperature
Coefficient
60
ppm/
°C
Reset Threshold Hysteresis
2 x VTH
mV
TA = 0
°C to +85°C
0.615
0.630
0.645
RESET IN Threshold
VRSTINTH
VRSTINTH falling
TA = -40
°C to +125°C
0.610
0.650
V
RESET IN Hysteresis
2.5
mV
TA = -40
°C to +85°C
-25
+25
RESET IN Input Current (Note 2)
IRSTIN
TA = -40
°C to +125°C
-100
+100
nA
VCC to Reset Output Delay
tRD
VCC = VTH to (VTH - 100mV)
20
µs
RESET IN to Reset Output Delay
VRSTIN = VRSTINTH to (VRSTINTH - 30mV)
15
µs
TA = -40
°C to +85°C
140
200
280
Reset Timeout Period
tRP
TA = -40
°C to +125°C
100
320
ms
VCC
≥ 1.0V, ISINK = 50µA, reset asserted,
TA = 0
°C to +85°C
0.3
VCC
≥ 1.2V, ISINK = 100µA, reset asserted
0.3
VCC
≥ 2.55V, ISINK = 1.2mA, reset asserted
0.3
RESET Output LOW
(Push-Pull or Open-Drain)
VOL
VCC
≥ 4.25V, ISINK = 3.2mA, reset asserted
0.4
V


Similar Part No. - MAX6827

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6827_UT-T MAXIM-MAX6827_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6827

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com