Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-084 Datasheet(PDF) 8 Page - International Rectifier

Part # IRSM505-084
Description  250V 3-phase inverter including high voltage gate drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-084 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRSM505-084_15 Datasheet HTML 4Page - International Rectifier IRSM505-084_15 Datasheet HTML 5Page - International Rectifier IRSM505-084_15 Datasheet HTML 6Page - International Rectifier IRSM505-084_15 Datasheet HTML 7Page - International Rectifier IRSM505-084_15 Datasheet HTML 8Page - International Rectifier IRSM505-084_15 Datasheet HTML 9Page - International Rectifier IRSM505-084_15 Datasheet HTML 10Page - International Rectifier IRSM505-084_15 Datasheet HTML 11Page - International Rectifier IRSM505-084_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IRSM505-084
IRSM515-084 Series
8
www.irf.com
© 2014 International Rectifier
November 24, 2014
Application Notes
A basic application schematic is shown below.
HVICs
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
VTH
VB1
VB2
VB3
U, VS1
V, VS2
W, VS3
Power
Supply
PWMWH
PWMVH
PWMUH
PWMVL
PWMWL
GATEKILL
AIN1
IFB+
IFB-
IFBO
VSS
VDD
VDDCAP
XTAL0
XTAL1
AIN2
SPD-REF
COM
VBUS
IRMCF171
PWMUL
4.87k
2M
7.50k
1nF
0.25
6.04k
7.68k
+
-
3V
IRSM505-084
Figure 3: Basic sensor-less motor drive circuit connection. Motor is connected to U, V, W
A complete reference design board for running any permanent magnet motor via sensorless sinusoidal control is
available. The board
– photo below – features the µIPM™-DIP module and the iMotion™ digital control IC.
Reference design kits are available on the International Rectifier website (irf.com > Design Resources >
Reference Designs > Intelligent Power Modules)
Figure 4: Reference design board featuring the
µIPM™-DIP module and the iMotion™ IRMCF171 digital control IC


Similar Part No. - IRSM505-084_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-084DA INFINEON-IRSM505-084DA Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084DA2 INFINEON-IRSM505-084DA2 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084PA INFINEON-IRSM505-084PA Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
More results

Similar Description - IRSM505-084_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-065 IRF-IRSM505-065_15 Datasheet
820Kb / 15P
   500V 3-phase inverter including high voltage gate drivers
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM240 INFINEON-IM240 Datasheet
833Kb / 27P
   600V three-phase inverter including gate drivers
Revision 2.2 2020-07-08
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com