Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX686 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX686
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX686 Datasheet HTML 2Page - Maxim Integrated Products MAX686 Datasheet HTML 3Page - Maxim Integrated Products MAX686 Datasheet HTML 4Page - Maxim Integrated Products MAX686 Datasheet HTML 5Page - Maxim Integrated Products MAX686 Datasheet HTML 6Page - Maxim Integrated Products MAX686 Datasheet HTML 7Page - Maxim Integrated Products MAX686 Datasheet HTML 8Page - Maxim Integrated Products MAX686 Datasheet HTML 9Page - Maxim Integrated Products MAX686 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
6
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(Circuits of Figures 1 and 2, VCC = VDD = VIN = +5V, L1 = 22µH, SHDN = VCC, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
VOUT
50mV/div
AC-COUPLED
3V
5V
LINE-TRANSIENT RESPONSE
(ISET = VCC)
MAX686 TOC10
5ms/div
VCC = VDD =VIN
VOUT
50mV/div
AC-COUPLED
3V
5V
LINE-TRANSIENT RESPONSE
(ISET = GND)
MAX686 TOC10A
5ms/div
VOUT = 24V
ILOAD = 5mA
VCC = VDD = VIN
VOUT
IOUT
20mV/div
AC-COUPLED
100
µA
5mA
LOAD-TRANSIENT RESPONSE
(ISET = GND)
MAX686 TOC11
2ms/div
VOUT = 24V
VOUT
IOUT
50mV/div
AC-COUPLED
100
µA
5mA
LOAD-TRANSIENT RESPONSE
(ISET = VCC)
MAX686 TOC12
2ms/div
VOUT = 24V
VOUT
5V/div
5V
18.7V
POWER-UP RESPONSE
(POSITIVE CONFIGURATION)
MAX686 TOC13A
500
µs/div
SHDN
2V/div
ISET = VCC
RL = 4.7kΩ
VOUT
5V/div
5V
18.7V
POWER-DOWN RESPONSE
(POSITIVE CONFIGURATION)
MAX686 TOC13B
5ms/div
SHDN
2V/div
ISET = VCC
RL = 4.7kΩ


Similar Part No. - MAX686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX686 MAXIM-MAX686 Datasheet
98Kb / 8P
   fully assembled and tested surface-mount circuit board Evaluation Kit
1998
MAX6860 MAXIM-MAX6860 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6861UK17 MAXIM-MAX6861UK17 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6861UK17 MAXIM-MAX6861UK17 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6861UK225 MAXIM-MAX6861UK225 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
   30V Internal Switch LCD Bias Supply
2018
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
   30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
   LCD BIAS BOOST CONVERTER
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com