Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6804US46D3-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6804US46D3-T
Description  4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6804US46D3-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6804US46D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6804US46D3-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-Pin, Low-Power
µP Reset Circuits with Manual Reset
4
_______________________________________________________________________________________
Pin Description
Applications Information
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts reset. Reset remains asserted while MR is low,
and for the reset active timeout period after MR returns
high. MR has an internal 20k
Ω pullup resistor, so it can
be left unconnected if not used. Connect a normally
open momentary switch from MR to GND to create a
manual reset function; external debounce circuitry is
not required.
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output on the MAX6805 is open-drain,
this device interfaces easily with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11.
Connecting the µP supervisor’s RESET output directly
to the microcontroller’s (µC’s) RESET pin with a single
pullup resistor allows either device to assert reset
(Figure 1).
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these devices
are relatively immune to short-duration, negative-going
VCC transients (glitches). The Typical Operating
Characteristics show the Maximum Transient Duration
vs. Reset Comparator Overdrive graph. The graph
shows the maximum pulse width that a negative-going
VCC transient may typically have without issuing a reset
signal. As the amplitude of the transient increases, the
maximum allowable pulse width decreases.
Ensuring a Valid Reset Output
down to VCC = 0
When VCC falls below 1V and approaches the minimum
operating voltage of 0.7V, push/pull-structured reset
sinking (or sourcing) capabilities decrease drastically.
High-impedance CMOS-logic inputs connected to the
RESET pin can drift to indeterminate voltages. This
does not present a problem in most cases, since most
VCC
VCC
GND
MAX6805
RESET
MR
VCC
GND
RESET
MOTOROLA
68HCXX
µP
100k
Figure 1. Interfacing to µPs with Bidirectional Reset Pins
PIN
MAX6803
MAX6804
MAX6805
NAME
FUNCTION
1
1
GND
Ground
2
RESET
Active-Low Reset Output. RESET is asserted while VCC is below the reset
threshold, or while MR is asserted. RESET remains asserted for a reset
timeout period (tRP) after VCC rises above the reset threshold or MR is
deasserted. RESET on the MAX6804 is push/pull. RESET on the MAX6805
is open-drain.
Active-High Reset Output. RESET is asserted high while VCC is below the
reset threshold or while MR is asserted, and RESET remains asserted for a
reset timeout period (tRP) after VCC rises above the reset threshold or MR
is deasserted. RESET on the MAX6803 is push/pull.
RESET
2
3
3
MR
Manual Reset Input. A logic low on MR asserts reset. Reset remains
asserted as long as MR is low, and for the reset timeout period (tRP) after
MR goes high. Leave unconnected or connect to VCC if not used.
Supply Voltage Input
VCC
4
4


Similar Part No. - MAX6804US46D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6804US46D3-T MAXIM-MAX6804US46D3-T Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results

Similar Description - MAX6804US46D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com