Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7070 Datasheet(PDF) 10 Page - Texas Instruments

Part # AFE7070
Description  Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7070 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE7070_15 Datasheet HTML 6Page - Texas Instruments AFE7070_15 Datasheet HTML 7Page - Texas Instruments AFE7070_15 Datasheet HTML 8Page - Texas Instruments AFE7070_15 Datasheet HTML 9Page - Texas Instruments AFE7070_15 Datasheet HTML 10Page - Texas Instruments AFE7070_15 Datasheet HTML 11Page - Texas Instruments AFE7070_15 Datasheet HTML 12Page - Texas Instruments AFE7070_15 Datasheet HTML 13Page - Texas Instruments AFE7070_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
25
30
35
40
45
50
55
60
65
70
75
1000
2000
3000
4000
Frequency (MHz)
3.15V
3.3V
3.45V
G009
−50
−45
−40
−35
−30
−25
1000
2000
3000
4000
Frequency (MHz)
−5dBm
0dBm
8dBm
G010
25
30
35
40
45
50
55
60
65
70
75
1000
2000
3000
4000
Frequency (MHz)
−5dBm
0dBm
8dBm
G007
25
30
35
40
45
50
55
60
65
70
75
1000
2000
3000
4000
Frequency (MHz)
−40°C
25°C
85°C
G008
12
13
14
15
16
17
18
19
20
21
22
1000
2000
3000
4000
Frequency (MHz)
−40°C
25°C
85°C
G005
12
13
14
15
16
17
18
19
20
21
22
1000
2000
3000
4000
Frequency (MHz)
3.15V
3.3V
3.45V
G006
AFE7070
SLOS761D – FEBRUARY 2012 – REVISED JANUARY 2013
www.ti.com
TYPICAL PERFORMANCE PLOTS (continued)
TA = 25°C, DAC sampling rate = 65 MSPS, single-tone IF = 1.1 MHz, two-tone IF = 1 MHz and 2 MHz, DVDD18 = 1.8 V,
CLKVDD18 = 1.8 V, DACVDD18 = 1.8 V, FUSEVDD18 = 1.8 V, IOVDD = 3.3 V, DACVDD33 = 3.3 V, MODVDD33 = 3.3 V,
analog output, unless otherwise noted
Figure 6. OIP3 vs LO Frequency and Temperature
Figure 7. OIP3 vs LO Frequency and Supply Voltage
Figure 8. OIP2 vs LO Frequency and LO Power
Figure 9. OIP2 vs LO Frequency and Temperature
Figure 10. OIP2 vs LO Frequency and Supply Voltage
Figure 11. Unadjusted Carrier Feethrough vs LO Frequency
and LO Power
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE7070


Similar Part No. - AFE7070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
More results

Similar Description - AFE7070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7071 TI1-AFE7071_13 Datasheet
1Mb / 36P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071 TI1-AFE7071 Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com