Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7070 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE7070
Description  Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7070 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE7070_15 Datasheet HTML 7Page - Texas Instruments AFE7070_15 Datasheet HTML 8Page - Texas Instruments AFE7070_15 Datasheet HTML 9Page - Texas Instruments AFE7070_15 Datasheet HTML 10Page - Texas Instruments AFE7070_15 Datasheet HTML 11Page - Texas Instruments AFE7070_15 Datasheet HTML 12Page - Texas Instruments AFE7070_15 Datasheet HTML 13Page - Texas Instruments AFE7070_15 Datasheet HTML 14Page - Texas Instruments AFE7070_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
−80
−75
−70
−65
−60
−55
−50
−45
−40
2100
2120
2140
2160
2180
Frequency (MHz)
−40°C
25°C
85°C
G015
−90
−85
−80
−75
−70
−65
−60
−55
−50
−45
−40
2460
2480
2500
2520
2540
Frequency (MHz)
−40°C
25°C
85°C
G016
−90
−85
−80
−75
−70
−65
−60
−55
−50
900
920
940
960
980
Frequency (MHz)
−40°C
25°C
85°C
G013
−90
−85
−80
−75
−70
−65
−60
−55
−50
−45
−40
1920
1940
1960
1980
2000
Frequency (MHz)
−40°C
25°C
85°C
G014
−50
−45
−40
−35
−30
−25
1000
2000
3000
4000
Frequency (MHz)
−40°C
25°C
85°C
G011
−50
−45
−40
−35
−30
−25
1000
2000
3000
4000
Frequency (MHz)
3.15V
3.3V
3.45V
G012
AFE7070
www.ti.com
SLOS761D – FEBRUARY 2012 – REVISED JANUARY 2013
TYPICAL PERFORMANCE PLOTS (continued)
TA = 25°C, DAC sampling rate = 65 MSPS, single-tone IF = 1.1 MHz, two-tone IF = 1 MHz and 2 MHz, DVDD18 = 1.8 V,
CLKVDD18 = 1.8 V, DACVDD18 = 1.8 V, FUSEVDD18 = 1.8 V, IOVDD = 3.3 V, DACVDD33 = 3.3 V, MODVDD33 = 3.3 V,
analog output, unless otherwise noted
Figure 12. Unadjusted Carrier Feethrough vs LO Frequency
Figure 13. Unadjusted Carrier Feethrough vs LO Frequency
and Temperature
and Supply Voltage
Figure 14. Adjusted Carrier Feethrough vs LO Frequency
Figure 15. Adjusted Carrier Feethrough vs LO Frequency
and Temperature at 940 MHz
and Temperature at 1960 MHz
Figure 16. Adjusted Carrier Feethrough vs LO Frequency
Figure 17. Adjusted Carrier Feethrough vs LO Frequency
and Temperature at 2140 MHz
and Temperature at 2500 MHz
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AFE7070


Similar Part No. - AFE7070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
More results

Similar Description - AFE7070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7071 TI1-AFE7071_13 Datasheet
1Mb / 36P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071 TI1-AFE7071 Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com