Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6380XR35-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6380XR35-T
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6380XR35-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6380XR35-T Datasheet HTML 1Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 2Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 3Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 4Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 5Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 6Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
4
_______________________________________________________________________________________
____________ Applications Information
Interfacing to Different
Logic Voltage Components
The MAX6377/MAX6380 have an active-low, open-
drain output. This output structure sinks current when
OUT is asserted. Connect a pullup resistor from OUT to
any supply voltage up to 5.50V (Figure 1). Select a
resistor value large enough to allow a valid logic low
(see Electrical Characteristics), and small enough to
register a logic high while supplying all input current
and leakage paths connected to the OUT line.
Negative-Going VCC Transients
These devices are relatively immune to short-duration,
negative-going VCC transients (glitches). The Typical
Operating Characteristics show the Maximum Transient
Duration vs. Threshold Overdrive graph, for which out-
put pulses are not generated. The graph shows the
maximum pulse width that a negative-going VCC tran-
sient may typically have before the devices issue out-
put signals. As the amplitude of the transient increases,
the maximum-allowable pulse width decreases.
Figure 1. Interfacing to Different Logic Voltage Components
Table 1. Factory-Trimmed Reset Thresholds
Factory-trimmed reset thresholds are available in approximately 100mV increments with a 1.5% room-temperature variance.
OUT
SUSPEND
µP
VIN
VCC
VOUT
3.6V
Li+
REGULATED
3.0V
VCC
DC/DC
CONVERTER
(OPEN-DRAIN)
MAX6377
RESET THRESHOLD VOLTAGE, VTH (V)
TA = +25°C
TA = -40°C TO +85°C
PART
SUFFIX
MIN
TYP
MAX
MIN
MAX
22
2.167
2.200
2.233
2.145
2.250
23
2.285
2.320
2.355
2.262
2.375
24
2.364
2.400
2.436
2.340
2.460
25
2.462
2.500
2.537
2.437
2.562
26
2.591
2.630
2.669
2.564
2.696
27
2.660
2.700
2.741
2.633
2.768
28
2.758
2.800
2.842
2.730
2.870
29
2.886
2.930
2.974
2.857
3.000
30
2.955
3.000
3.045
2.925
3.075
MAX6375_R
MAX6376_R
MAX6377_R
31
3.034
3.080
3.126
3.003
3.150


Similar Part No. - MAX6380XR35-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6380 MAXIM-MAX6380 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R33-T MAXIM-MAX6380_R33-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R34-T MAXIM-MAX6380_R34-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R35-T MAXIM-MAX6380_R35-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R36-T MAXIM-MAX6380_R36-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
More results

Similar Description - MAX6380XR35-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com