Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6380XR35-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6380XR35-T
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6380XR35-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6380XR35-T Datasheet HTML 1Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 2Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 3Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 4Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 5Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 6Page - Maxim Integrated Products MAX6380XR35-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
_______________________________________________________________________________________
5
Table 1. Factory-Trimmed Reset Thresholds(continued)
Factory-trimmed reset thresholds are available in approximately 100mV increments with a 1.5% room-temperature variance.
Table 2. Device Marking Codes and Minimum Order Increments
RESET THRESHOLD VOLTAGE, VTH (V)
TA = +25°CTA = -40°C TO +85°C
PART
SUFFIX
MIN
TYP
MAX
MIN
MAX
33
3.250
3.300
3.350
3.217
3.383
34
3.349
3.400
3.451
3.315
3.485
35
3.447
3.500
3.552
3.412
3.587
36
3.546
3.600
3.654
3.510
3.690
37
3.644
3.700
3.755
3.607
3.792
38
3.743
3.800
3.857
3.705
3.895
39
3.841
3.900
3.958
3.802
3.997
40
3.940
4.000
4.060
3.900
4.100
41
4.038
4.100
4.161
3.997
4.202
42
4.137
4.200
4.263
4.095
4.305
43
4.235
4.300
4.364
4.192
4.407
44
4.314
4.380
4.446
4.270
4.489
45
4.432
4.500
4.567
4.387
4.612
MAX6378_R
MAX6379_R
MAX6380_R
46
4.560
4.630
4.699
4.514
4.746
PART
TOP MARK
(SC70)
TOP MARK
(SOT23)
ORDER
INCREMENT (k)
MAX6375_R22-T
ADH
FZHD
2.5
MAX6375_R23-T
ADI
FZHE
2.5
MAX6375_R24-T
——
10
MAX6375_R25-T
——
10
MAX6375_R26-T
ACZ
FZHC
2.5
MAX6375_R27-T
——
10
MAX6375_R28-T
——
10
MAX6375_R29-T
ADJ
FZHF
2.5
MAX6375_R30-T
——
10
MAX6375_R31-T
ADK
FZHG
2.5
MAX6376_R22-T
ADL
FZHH
2.5
MAX6376_R23-T
ADM
FZHI
2.5
MAX6376_R24-T
——
10
MAX6376_R25-T
——
10
MAX6376_R26-T
ADN
FZHJ
2.5
MAX6376_R27-T
——
10
MAX6376_R28-T
——
10
MAX6376_R29-T
ADA
FZHK
2.5
PART
TOP MARK
(SC70)
TOP MARK
(SOT23)
ORDER
INCREMENT (k)
MAX6376_R30-T
——
10
MAX6376_R31-T
ADO
FZHL
2.5
MAX6377_R22-T
ADP
FZHM
2.5
MAX6377_R23-T
ADB
FZHN
2.5
MAX6377_R24-T
——
10
MAX6377_R25-T
——
10
MAX6377_R26-T
ACQ
FZHO
2.5
MAX6377_R27-T
——
10
MAX6377_R28-T
——
10
MAX6377_R29-T
ADC
FZHP
2.5
MAX6377_R30-T
——
10
MAX6377_R31-T
ADR
FZHQ
2.5
MAX6378_R33-T
——
10
MAX6378_R34-T
——
10
MAX6378_R35-T
——
10
MAX6378_R36-T
——
10
MAX6378_R37-T
——
10
MAX6378_R38-T
——
10


Similar Part No. - MAX6380XR35-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6380 MAXIM-MAX6380 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R33-T MAXIM-MAX6380_R33-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R34-T MAXIM-MAX6380_R34-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R35-T MAXIM-MAX6380_R35-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380_R36-T MAXIM-MAX6380_R36-T Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
More results

Similar Description - MAX6380XR35-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com