Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1305L25 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC1305L25
Description  AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1305L25 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1305L25_15 Datasheet HTML 1Page - Texas Instruments AMC1305L25_15 Datasheet HTML 2Page - Texas Instruments AMC1305L25_15 Datasheet HTML 3Page - Texas Instruments AMC1305L25_15 Datasheet HTML 4Page - Texas Instruments AMC1305L25_15 Datasheet HTML 5Page - Texas Instruments AMC1305L25_15 Datasheet HTML 6Page - Texas Instruments AMC1305L25_15 Datasheet HTML 7Page - Texas Instruments AMC1305L25_15 Datasheet HTML 8Page - Texas Instruments AMC1305L25_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DOUT
CLKIN
DVDD
DGND
AGND
AINN
AINP
AVDD
AMC1305
HV+
HV-
To Load
Floating
Power Supply
SD-Cx
SD-Dx
TMS320F2837x
3.3 V, or 5.0 V
RSHUNT
Gate Driver
Gate Driver
5.0 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AMC1305L25, AMC1305M05, AMC1305M25
SBAS654C – JUNE 2014 – REVISED DECEMBER 2014
AMC1305x High-Precision,
Reinforced Isolated Delta-Sigma Modulators
1 Features
3 Description
The AMC1305 is a precision, delta-sigma (
ΔΣ)
1
Pin-Compatible Family Optimized for Shunt-
modulator with the output separated from the input
Resistor-Based Current Measurements:
circuitry by a capacitive double isolation barrier that is
±50-mV or ±250-mV Input Voltage Ranges
highly resistant to magnetic interference. This barrier
CMOS or LVDS Digital Interface Options
is certified to provide reinforced isolation of up to
7000 VPEAK according to the DIN V VDE V 0884-10,
Excellent DC Performance Supporting High-
UL1577, and CSA standards. Used in conjunction
Precision Sensing on System Level:
with isolated power supplies, the device prevents
Offset Error: ±50 µV or ±150 µV (max)
noise currents on a high common-mode voltage line
Offset Drift: 1.3 µV/°C (max)
from entering the local system ground and interfering
with or damaging low voltage circuitry.
Gain Error: ±0.3% (max)
The AMC1305 is optimized for direct connection to
Gain Drift: ±40 ppm/°C (max)
shunt resistors or other low voltage level signal
Certified Isolation Barrier:
sources
while
supporting
excellent
dc
and
ac
Reinforced Isolation Rating
performance. Shunt resistors are typically used to
VDE V 0884-10, UL1577, and CSA Approved
sense
currents
in
motor
drives,
green
energy
generation systems, or other industrial applications.
Isolation Voltages: 7000 VPEAK, 10000 VSURGE
By using an appropriate digital filter (that is, as
Working Voltages: 1500 VDC, 1000 VAC, rms
integrated on the TMS320F2837x) to decimate the bit
Transient Immunity: 15 kV/µs (min)
stream, the device can achieve 16 bits of resolution
with a dynamic range of 85 dB (13.8 ENOB) at a data
High Electromagnetic Field Immunity
rate of 78 kSPS.
(see Application Note SLLA181A)
On the high-side, the modulator is supplied with a
External 5-MHz to 20-MHz Clock Input for
nominal voltage of 5 V (AVDD), whereas the isolated
Easier System-Level Synchronization
digital interface operates from a 3.3-V or 5-V power
Fully Specified Over the Extended Industrial
supply (DVDD).
Temperature Range
The AMC1305 is available in a wide-body SOIC-16
(DW) package and is specified from –40°C to 125°C.
2 Applications
Shunt Resistor Based Current Sensing in:
Device Information(1)
Industrial Motor Drives
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Photovoltaic Inverters
AMC1305x
SOIC (16)
10.30 mm × 7.50 mm
Uninterruptible Power Supplies
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Isolated Voltage Sensing
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC1305L25_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25DW TI1-AMC1305L25DW Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25DWR TI1-AMC1305L25DWR Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25QDWQ1 TI1-AMC1305L25QDWQ1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25QDWRQ1 TI1-AMC1305L25QDWRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1305L25_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com