Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX690AEPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX690AEPA
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AEPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX690AEPA Datasheet HTML 4Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 5Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 9Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 10Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 11Page - Maxim Integrated Products MAX690AEPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Microprocessor Supervisory Circuits
______________________________________________________________________________________
11
Minimum Nominal
Nominal
Reset
Watchdog
Power-
Reset
Pulse
Timeout
Backup-
CE -
Fail
Manual- Watch-
Low-
Active-
Battery-
Part
Threshold Width
Period
Battery
Write
Com-
Reset
dog
Line
High
On
Number
(V)
(ms)
(sec)
Switch
Protect parator
Input
Output
Output
Reset
Output
MAX690A/692A
4.65/4.40
140
1.6
MAX691A/693A
4.65/4.40
140/adj.
1.6/adj.
/10ns
MAX696
Adj.
35/adj.
1.6/adj.
MAX697
Adj.
35/adj.
1.6/adj.
MAX700
4.65/adj.
200
-
MAX703/704
4.65/4.40
140
-
MAX705/706
4.65/4.40
140
1.6
MAX706P
2.63
140
1.6
MAX706R/S/T
2.63/2.93/
140
1.6
3.08
MAX707/708
4.65/4.40
140
-
MAX708R/S/T
2.63/2.93/
140
-
3.08
MAX709L/M/
4.65/4.40/
140
-
R/S/T
2.63/2.93/3.08
MAX791
4.65
140
1
/10ns
MAX792L/M/
4.65/4.40/
140
1
/10ns
R/S/T
2.63/2.93/3.08
MAX800L/M
4.60/4.40
140
1.6/adj.
/10ns
/
±2%
MAX802L/M
4.60/4.40
140
1.6
/
±2%
MAX805L
4.65
140
1.6
MAX813L
4.65
140
1.6
MAX820L/M/
4.65/4.40/
140
1
/10ns
/
±2%
R/S/T
2.63/2.93/3.08
MAX1232
4.37/4.62
250
0.15/0.60/1.2
MAX1259
-
-
-
________________________µP Supervisory Circuits


Similar Part No. - MAX690AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690AEPA MAXIM-MAX690AEPA Datasheet
570Kb / 12P
   Microprocessor Supervisory Circuits
Rev 4; 12/05
MAX690AEPA MAXIM-MAX690AEPA Datasheet
556Kb / 13P
   Microprocessor Supervisory Circuits
2015
More results

Similar Description - MAX690AEPA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com