Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K6R8-40E Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9K6R8-40E
Description  Dual N-channel 40 V, 7.2 m logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K6R8-40E Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK9K6R8-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 10Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 11Page - NXP Semiconductors BUK9K6R8-40E_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
BUK9K6R8-40E
Dual N-channel 40 V, 7.2 mΩ logic level MOSFET
BUK9K6R8-40E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
5 December 2013
8 / 13
003aaj814
0
0.8
1.6
2.4
-60
0
60
120
180
Tj (°C)
a
Fig. 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 13. Gate charge waveform definitions
003aak999
0
8
16
24
32
40
0
2
4
6
8
10
QG (nC)
VGS
VGS
(V)
(V)
32 V
32 V
VDS = 14 V
VDS = 14 V
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
003aal000
10-1
1
10
102
102
103
104
VDS (V)
C
C
(pF)
(pF)
Ciss
Ciss
Coss
Coss
Crss
Crss
Fig. 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Similar Part No. - BUK9K6R8-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
   Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
More results

Similar Description - BUK9K6R8-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
   Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
BUK9M7R2-40E NEXPERIA-BUK9M7R2-40E Datasheet
723Kb / 13P
   N-channel 40 V, 7.2 m廓 logic level MOSFET in LFPAK33
logo
NXP Semiconductors
BUK9K25-40E PHILIPS-BUK9K25-40E_15 Datasheet
322Kb / 13P
   Dual N-channel 40 V, 29 m logic level MOSFET
10 December 2013
BUK9K8R7-40E PHILIPS-BUK9K8R7-40E_15 Datasheet
344Kb / 13P
   Dual N-channel 40 V, 9.4 m logic level MOSFET
10 December 2013
BUK9Y7R2-60E PHILIPS-BUK9Y7R2-60E_15 Datasheet
327Kb / 13P
   N-channel 60 V, 7.2 m logic level MOSFET in LFPAK56
6 November 2013
logo
Nexperia B.V. All right...
BUK9Y7R2-60E NEXPERIA-BUK9Y7R2-60E Datasheet
749Kb / 13P
   N-channel 60 V, 7.2 m廓 logic level MOSFET in LFPAK56
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
   Dual N-channel 40 V, 29 m廓 logic level MOSFET
BUK9K8R7-40E NEXPERIA-BUK9K8R7-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 9.4 m廓 logic level MOSFET
PSMN6R1-40HL NEXPERIA-PSMN6R1-40HL Datasheet
340Kb / 12P
   N-channel 40 V, 7.2 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
BUK9K18-40E NEXPERIA-BUK9K18-40E Datasheet
732Kb / 13P
   Dual N-channel 40 V, 19.5 mΩ logic level MOSFET
16 March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com