Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K8R7-40E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9K8R7-40E
Description  Dual N-channel 40 V, 9.4 m logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K8R7-40E Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9K8R7-40E_15 Datasheet HTML 1Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K8R7-40E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BUK9K8R7-40E
Dual N-channel 40 V, 9.4 mΩ logic level MOSFET
BUK9K8R7-40E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
4 / 13
003aal057
10-3
10-2
10-1
1
10
10-1
1
10
102
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
(3)
(3)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aal058
10-1
1
10
102
10-1
1
10
102
103
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 us
100 us
tp = 10 us
tp = 10 us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
-
2.84
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
Minimum footprint; mounted on a
printed circuit board
-
95
-
K/W


Similar Part No. - BUK9K8R7-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K8R7-40E NEXPERIA-BUK9K8R7-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 9.4 m廓 logic level MOSFET
More results

Similar Description - BUK9K8R7-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K8R7-40E NEXPERIA-BUK9K8R7-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 9.4 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK9K25-40E PHILIPS-BUK9K25-40E_15 Datasheet
322Kb / 13P
   Dual N-channel 40 V, 29 m logic level MOSFET
10 December 2013
BUK9K6R8-40E PHILIPS-BUK9K6R8-40E_15 Datasheet
347Kb / 13P
   Dual N-channel 40 V, 7.2 m logic level MOSFET
5 December 2013
logo
Nexperia B.V. All right...
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
   Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
   Dual N-channel 40 V, 29 m廓 logic level MOSFET
PSMN8R0-40HL NEXPERIA-PSMN8R0-40HL Datasheet
345Kb / 12P
   N-channel 40 V, 9.4 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
BUK9K18-40E NEXPERIA-BUK9K18-40E Datasheet
732Kb / 13P
   Dual N-channel 40 V, 19.5 mΩ logic level MOSFET
16 March 2016
logo
NXP Semiconductors
BUK9Y3R5-40E PHILIPS-BUK9Y3R5-40E_15 Datasheet
276Kb / 13P
   N-channel 40 V, 3.8 m logic level MOSFET in LFPAK56
11 November 2014
BUK9Y3R0-40E PHILIPS-BUK9Y3R0-40E_15 Datasheet
271Kb / 13P
   N-channel 40 V 3.0 m logic level MOSFET in LFPAK56
11 November 2014
BUK9K52-60E PHILIPS-BUK9K52-60E_15 Datasheet
259Kb / 13P
   Dual N-channel 60 V, 55 m logic level MOSFET
24 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com