Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6741XKR Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6741XKR
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6741XKR Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6741XKR Datasheet HTML 4Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 5Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 6Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 7Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 8Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 9Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 10Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 11Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
8
_______________________________________________________________________________________
Pin Description
PIN
MAX6736
MAX6737
MAX6738
MAX6739
MAX6740
MAX6743
MAX6741
MAX6744
MAX6742
MAX6745
NAME
FUNCTION
11111
RESET
Reset Output, Push-Pull or Open Drain Active Low.
RESET
changes from high to low when any monitored power-supply
input (VCC1, VCC2, RSTIN) drops below its selected reset
threshold. It remains low until all monitored power-supply
inputs exceed their selected reset thresholds for the VCC
reset timeout period.
RESET is forced low if MR is low for at
least the
MR minimum input pulse width. It remains low for
the
MR reset timeout period after MR goes high. The push-
pull output is referenced to VCC1. The MAX6736/MAX6738
open-drain outputs require an external pullup resistor. The
MAX6740/MAX6741/MAX6742 open-drain outputs have an
internal 50k
Ω pullup resistor to VCC1 and provide a manual
reset function.
22222
GND
Ground
33
———
MR
Manual Reset, Active Low. Pull low for at least
MR minimum
input pulse width to force
RESET low. Reset remains active
as long as
MR is low and for the MR reset timeout period
after
MR goes high. There is an internal 1.5k
Ω pullup resistor
to VCC1.
4
44
VCC2
Voltage Input 1. Power supply and input for the secondary
µP voltage reset monitor.
43
——
RSTIN
Adjustable Reset Threshold Input.
RESET is asserted when
RSTIN is below the internal 0.488V reference level. Set the
adjustable reset threshold with an external resistor-divider
network. Connect RSTIN to VCC1 if unused.
55555
VCC1
Voltage Input 2. Power supply and input for the primary µP
voltage reset monitor.
————
4
PFI
Power-Fail Comparator Input.
PFO is asserted when PFI is
below 0.488V.
PFO is deasserted without any reset timeout
period when PFI goes above 0.488V. Connect PFI to an
external resistor network to set the desired monitor
threshold.
————
3
PFO
Power-Fail Comparator Output, Open Drain Active Low.
PFO
is asserted when PFI is below 0.488V.
———
3
POK1
VCC1 Power-OK Output, Open Drain Active High. POK1
remains low as long as VCC1 is below VTH1. POK1 output
goes high after VCC1 exceeds VTH1 for the POK1 timeout
period. POK1 logic is independent of the
MR or VCC2 inputs.
The output can be used to control VCC1-to-VCC2 supply
sequencing.


Similar Part No. - MAX6741XKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6741 MAXIM-MAX6741 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
More results

Similar Description - MAX6741XKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com