Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX691ACPE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX691ACPE
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691ACPE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX691ACPE Datasheet HTML 2Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 3Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 4Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 5Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 6Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 7Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 8Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 9Page - Maxim Integrated Products MAX691ACPE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Microprocessor Supervisory Circuits
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
20
0
0
BATTERY CURRENT
vs. INPUT SUPPLY VOLTAGE
16
VCC (V)
3
8
4
1
2
5
12
4
VBATT = 2.8V
IOUT = 0A
100
0.1
WATCHDOG AND RESET TIMEOUT PERIOD
vs. OSC IN TIMING CAPACITOR (COSC)
10
COSC (pF)
100
1
10
1000
VCC = 5V
VBATT = 2.8V
LONG WATCHDOG
TIMEOUT PERIOD
SHORT WATCHDOG
TIMEOUT PERIOD
RESET ACTIVE
TIMEOUT PERIOD
0
300
CHIP-ENABLE PROPAGATION DELAY
vs. CE OUT LOAD CAPACITANCE
CLOAD (pF)
150
8
0
50
100
250
16
20
4
12
200
VCC = 5V
CE IN = 0V TO 5V
DRIVER SOURCE
IMPEDANCE = 50
1000
1
1
VCC to VOUT vs. OUTPUT CURRENT
(NORMAL OPERATING MODE)
100
IOUT (mA)
100
10
10
1000
VCC = 4.5V
VBATT = 0V
SLOPE = 0.8
1000
1
VBATT to VOUT vs. OUTPUT CURRENT
(BATTERY-BACKUP MODE)
100
IOUT (mA)
10
10
1
100
VCC = 0V
VBATT = 4.5V
SLOPE = 8
LO
VCC to LOW LINE
AND CE OUT DELAY
LOW LINE
5V
VCC RESET
THRESHOLD
LO
HI
HI
HI
LO
CE OUT
RESET
12
µs
800ns
80
µs


Similar Part No. - MAX691ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691ACPE MAXIM-MAX691ACPE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX691ACPE MAXIM-MAX691ACPE Datasheet
2Mb / 17P
   Microprocessor Supervisory Circuits
2018
More results

Similar Description - MAX691ACPE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com