Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6744XKR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6744XKR
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6744XKR Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6744XKR Datasheet HTML 1Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 2Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 3Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 4Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 5Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 6Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 7Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 8Page - Maxim Integrated Products MAX6744XKR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-FAIL COMPARATOR (MAX6742/MAX6745 only)
TA = 0°C to +85°C
0.476
0.488
0.500
Power Fail In Threshold (Note 5)
VTH-PFI
TA = -40°C to +85°C
0.468
0.507
V
Power Fail In Current
IPFI
VPFI
≥ 0.1V (Note 2)
-10
+10
nA
VCC1
≥ 1.53V, ISINK = 500µA
0.3
VCC1
≥ 2.03V, ISINK = 1.2mA
0.3
PFO Output Low
VOL
VCC1
≥ 4.25V, ISINK = 3.2mA
0.4
V
PFI to
PFO Propagation Delay
tP
PFI falling at 10mV/µs from VTH-PFI +
100mV to VTH-PFI - 100mV or rising at
10mV/µs from VTH-PFI - 100mV to VTH-PFI +
100mV (Note 5)
35
µs
PFO Startup Delay
To output valid (Note 5)
5
ms
Note 1: All devices are 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: tRD timeout period begins after POK1 timeout period (tPOKP) and VCC2
≥ VTH2 (max) (MAX6741/MAX6744).
Note 4: Refers to the manual reset function obtained by forcing the RESET output low.
Note 5: VCC1
≥ 1.6V.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
1
2
3
4
5
6
7
8
9
10
0
-40
80
VCC1 = 3.3V, VCC2 = 2.5V
TOTAL
ICC1
ICC2
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
1
2
3
4
5
6
7
8
9
10
0
-40
80
VCC1 = 2.5V, VCC2 = 1.8V
TOTAL
ICC1
ICC2
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
1
2
3
4
5
6
7
8
9
10
0
-40
80
VCC1 = 1.8V, VCC2 = 1.2V
TOTAL
ICC1
ICC2


Similar Part No. - MAX6744XKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6744 MAXIM-MAX6744 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
More results

Similar Description - MAX6744XKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com