Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3100MODR11MAMOBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100MODR11MAMOBT
Description  CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100MODR11MAMOBT Datasheet(HTML) 1 Page - Texas Instruments

  CC3100MODR11MAMOBT Datasheet HTML 1Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 2Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 3Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 4Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 5Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 6Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 7Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 8Page - Texas Instruments CC3100MODR11MAMOBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC3100MOD
SWRS161 – DECEMBER 2014
CC3100MOD SimpleLink™ Certified Wi-Fi® Network Processor Internet-of-Things Module
Solution for MCU Applications
1
Module Overview
1.1
Features
1
– RX Sensitivity
• The CC3100MOD is a Wi-Fi Module that Consists
of the CC3100R11MRGC Wi-Fi Network Processor
–94.7 dBm at 1 DSSS
and Power-Management Subsystems. This Fully
–87 dBm at 11 CCK
Integrated Module Includes all Required Clocks,
–73 dBm at 54 OFDM
SPI Flash, and Passives.
– Application Throughput
• Modular FCC, IC, and CE Certifications Save
UDP: 16 Mbps
Customer Effort, Time, and Money
TCP: 13 Mbps
• Wi-Fi CERTIFIED™ Modules, With Ability to
• Host Interface
Request Certificate Transfer for Wi-Fi Alliance
– Wide Range of Power Supply (2.3 to 3.6 V)
Members
– Interfaces With 8-, 16-, and 32-Bit MCU or
• Wi-Fi Network Processor Subsystem
ASICs Over a Serial Peripheral Interface (SPI)
– Featuring Wi-Fi Internet-On-a-Chip™
With up to 20-MHz Clock
– Dedicated ARM® MCU
– Low Footprint Host Driver: Less than 6KB
Completely Offloads Wi-Fi and Internet
– Supports RTOS and No-OS Applications
Protocols from the External Microcontroller
• Power-Management Subsystem
– Wi-Fi Driver and Multiple Internet Protocols in
– Integrated DC-DC Converter With a Wide-
ROM
Supply Voltage:
– 802.11 b/g/n Radio, Baseband, and Medium
Direct Battery Mode: 2.3 to 3.6 V
Access Control (MAC), Wi-Fi Driver, and
– Low-Power Consumption at 3.6 V
Supplicant
Hibernate With Real-Time Clock (RTC):
– TCP/IP Stack
7
μA
Industry-Standard BSD Socket Application
Standby: 140
μA
Programming Interfaces (APIs)
RX Traffic: 54 mA at 54 OFDM
8 Simultaneous TCP or UDP Sockets
TX Traffic: 223 mA at 54 OFDM
2 Simultaneous TLS and SSL Sockets
– Integrated Components on Module
– Powerful Crypto Engine for Fast, Secure Wi-Fi
and Internet Connections With 256-Bit AES
40.0-MHz Crystal With Internal Oscillator
Encryption for TLS and SSL Connections
32.768-kHz Crystal (RTC)
– Station, AP, and Wi-Fi Direct™ Modes
8-Mbit SPI Serial Flash RF Filter and
– WPA2 Personal and Enterprise Security
Passive Components
– SimpleLink Connection Manager for
– Package and Operating Conditions
Autonomous and Fast Wi-Fi Connections
1.27-mm Pitch, 63-Pin, 20.5-mm ×
– SmartConfig™ Technology, AP Mode, and
17.5-mm LGA Package for Easy Assembly
WPS2 for Easy and Flexible Wi-Fi Provisioning
and Low-Cost PCB Design
– TX Power
Operating Temperature Range: –20°C to
17 dBm at 1 DSSS
70°C
17.25 dBm at 11 CCK
13.5 dBm at 54 OFDM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC3100MODR11MAMOBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3100 TI-CC3100 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
logo
Soshin electric Co., Lt...
CC3100C-AZ SOSHIN-CC3100C-AZ Datasheet
127Kb / 3P
   3-phase 3-line 500VAC Available 5-150A For output line only
logo
Texas Instruments
CC3100R11MRGC TI-CC3100R11MRGC Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3100R11MRGCR TI-CC3100R11MRGCR Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
More results

Similar Description - CC3100MODR11MAMOBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com