Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3200MODR1M2AMOBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200MODR1M2AMOBR
Description  CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200MODR1M2AMOBR Datasheet(HTML) 2 Page - Texas Instruments

  CC3200MODR1M2AMOBR Datasheet HTML 1Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 2Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 3Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 4Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 5Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 6Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 7Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 8Page - Texas Instruments CC3200MODR1M2AMOBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
CC3200MOD
SWRS166 – DECEMBER 2014
www.ti.com
1.2
Applications
Internet of Things (IoT)
Internet Gateway
Cloud Connectivity
Industrial Control
Home Automation
Smart Plug and Metering
Home Appliances
Wireless Audio
Access Control
IP Network Sensor Nodes
Security Systems
Wearables
Smart Energy
1.3
Description
Start your design with the industry’s first programmable FCC, IC, CE, and Wi-Fi Certified Wireless
microcontroller (MCU) module with built-in Wi-Fi connectivity. Created for the Internet of Things (IoT), the
SimpleLink CC3200MOD is a wireless MCU module that integrates an ARM Cortex-M4 MCU, allowing
customers to develop an entire application with a single device. With on-chip Wi-Fi, Internet, and robust
security protocols, no prior Wi-Fi experience is required for faster development. The CC3200MOD
integrates all required system-level hardware components including clocks, SPI flash, RF switch, and
passives into an LGA package for easy assembly and low-cost PCB design. The CC3200MOD is provided
as a complete platform solution including software, sample applications, tools, user and programming
guides, reference designs, and the TI E2E™ support community
The applications MCU subsystem contains an industry-standard ARM Cortex-M4 core running at 80 MHz.
The device includes a wide variety of peripherals, including a fast parallel camera interface, I2S, SD/MMC,
UART, SPI, I2C, and four-channel ADC. The CC3200 family includes flexible embedded RAM for code
and data; ROM with external serial flash bootloader and peripheral drivers; and SPI flash for Wi-Fi network
processor service packs, Wi-Fi certificates, and credentials.
The Wi-Fi network processor subsystem features a Wi-Fi Internet-on-a-chip™ and contains an additional
dedicated ARM MCU that completely off-loads the applications MCU. This subsystem includes an 802.11
b/g/n radio, baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with
256-bit encryption. The CC3200MOD supports station, access point, and Wi-Fi Direct™ modes. The
device also supports WPA2 personal and enterprise security and WPS 2.0. The Wi-Fi Internet-on-a-chip
includes embedded TCP/IP and TLS/SSL stacks, HTTP server, and multiple Internet protocols. The
power-management subsystem includes integrated DC-DC converters supporting a wide range of supply
voltages. This subsystem enables low-power consumption modes, such as the hibernate with RTC mode
requiring less than 7
μA of current.
Table 1-1. Module Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3200MODR1M2AMOB
MOB (63)
20.5 mm × 17.5 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Module Overview
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - CC3200MODR1M2AMOBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3200 TI-CC3200 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
logo
Soshin electric Co., Lt...
CC3200C-P SOSHIN-CC3200C-P Datasheet
228Kb / 2P
   3-phase 3-line 500VAC Available 200-400A For output side only
logo
Texas Instruments
CC3200R1M1RGCR TI-CC3200R1M1RGCR Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200R1M2RGC TI-CC3200R1M2RGC Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200R1M2RGCR TI-CC3200R1M2RGCR Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
More results

Similar Description - CC3200MODR1M2AMOBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
List of Unclassifed Man...
MT7697D ETC2-MT7697D Datasheet
1Mb / 84P
   Internet-of-Things Wireless Connectivity
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com