Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025D Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5025D
Description  Active Clamp Voltage Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025D Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5025D Datasheet HTML 3Page - Texas Instruments LM5025D Datasheet HTML 4Page - Texas Instruments LM5025D Datasheet HTML 5Page - Texas Instruments LM5025D Datasheet HTML 6Page - Texas Instruments LM5025D Datasheet HTML 7Page - Texas Instruments LM5025D Datasheet HTML 8Page - Texas Instruments LM5025D Datasheet HTML 9Page - Texas Instruments LM5025D Datasheet HTML 10Page - Texas Instruments LM5025D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM5025D
www.ti.com
SNVSAB0 – JUNE 2015
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and all MIN and MAX values apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 31.3kΩ, RSET = 27.4kΩ) unless otherwise stated
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM COMPARATOR
COMP step 5 V to 0 V,
Delay to output
Time to onset of OUT_A transition
40
ns
low
Duty cycle range
0
80
%
COMP to PWM offset
0.7
1
1.3
V
COMP open circuit voltage
4.3
5.9
V
COMP short circuit current
COMP = 0 V
0.6
1
1.4
mA
VOLT x SECOND CLAMP
Delta RAMP measured from onset
Ramp clamp level
of OUT_A to ramp peak,
2.4
2.5
2.6
V
COMP = 5 V
UVLO SHUTDOWN
Undervoltage shutdown threshold
2.44
2.5
2.56
V
Undervoltage shutdown hysteresis
16
20
24
µA
OUTPUT SECTION
OUT_A high saturation
MOS device at IOUT = –10 mA
5
10
Ω
OUTPUT_A peak current sink
Bipolar device at Vcc/2
3
A
OUT_A low saturation
MOS device at IOUT = 10 mA
6
9
Ω
OUTPUT_A rise time
CGATE = 2.2 nF
20
ns
OUTPUT_A fall time
CGATE = 2.2 nF
15
ns
OUT_B high saturation
MOS device at IOUT = –10 mA
10
20
Ω
OUTPUT_B peak current sink
Bipolar device at VCC/2
1
A
OUT_B low saturation
MOS device at IOUT = 10 mA
12
18
Ω
OUTPUT_B rise time
CGATE = 1 nF
20
ns
OUTPUT_B fall time
CGATE = 1 nF
15
ns
OUTPUT TIMING CONTROL
RSET = 38 kΩ connected to GND,
Overlap time
75
105
135
ns
50% to 50% transitions
RSET = 29.5 kΩ connected to REF,
Deadtime
75
105
135
ns
50% to 50% transitions
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
165
°C
Thermal shutdown hysteresis
25
°C
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5025D


Similar Part No. - LM5025D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025 TI1-LM5025 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com