Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX691AMJE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX691AMJE
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691AMJE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX691AMJE Datasheet HTML 1Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 2Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 3Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 4Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 5Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 6Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 7Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 8Page - Maxim Integrated Products MAX691AMJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Microprocessor Supervisory Circuits
4
_______________________________________________________________________________________
MAX69_AC/AE/AM, VCC = 5V
µA
0.10
±5
OSC IN Leakage Current
µs
12
RESET-to-CE OUT Delay
2.7
CE OUT Output Voltage High
(Reset Active)
3.5
ns
6
10
CE IN-to-CE OUT Propagation
Delay (Note 8)
mA
0.1
0.75
2.0
CE OUT Short-Circuit Current
(Reset Active)
75
150
CE IN-to-CE OUT Resistance
(Note 7)
µA
±0.005
±1
CE IN Leakage Current
60
PFI-to-PFO Delay
µs
25
µA
1
15
100
PFO Output Short-Circuit
Current
MAX800_C/E, VCC = 5V
CONDITIONS
3.5
PFO Output Voltage
V
0.4
nA
±0.01
±25
PFI Leakage Current
1.225
1.25
1.275
PFI Input Threshold
V
1.2
1.25
1.3
UNITS
MIN
TYP
MAX
PARAMETER
OSC SEL = 0V
Power-down
VCC = 0V, VBATT = 2.8V, IOUT = 1µA
VCC = 5V, IOUT = -100µA
50
Ω source impedance driver, CLOAD = 50pF
Disable mode,
CE OUT = 0V
Enable mode
Disable mode
ISOURCE = 1µA, VCC = 5V
ISINK = 3.2mA
VIN = 20mV, VOD = 15mV
VIN = -20mV, VOD = 15mV
Output source current
Note 1: Either VCC or VBATT can go to 0V, if the other is greater than 2.0V.
Note 2: The supply current drawn by the MAX691A/MAX800L/MAX800M from the battery excluding IOUT typically goes to 10µA
when (VBATT - 1V) < VCC < VBATT. In most applications, this is a brief period as VCC falls through this region.
Note 3: “+” = battery-discharging current, “--” = battery-charging current.
Note 4: Although presented as typical values, the number of clock cycles for the reset and watchdog timeout periods are fixed and
do not vary with process or temperature.
Note 5: RESET is an open-drain output and sinks current only.
Note 6: WDI is internally connected to a voltage divider between VOUT and GND. If unconnected, WDI is driven to 1.6V (typ),
disabling the watchdog function.
Note 7: The chip-enable resistance is tested with VCC = +4.75V for the MAX691A/MAX800L and VCC = +4.5V for the
MAX693A/MAX800M. CE IN = CE OUT = VCC / 2.
Note 8: The chip-enable propagation delay is measured from the 50% point at CE IN to the 50% point at CE OUT.
ELECTRICAL CHARACTERISTICS (continued)
(MAX691A, MAX800L: VCC = +4.75V to +5.5V, MAX693A, MAX800M: VCC = +4.5V to +5.5V, VBATT = 2.8V, TA = TMIN to TMAX,
unless otherwise noted.)
kHz
50
OSC IN Frequency Range
µA
10
100
OSC SEL Input Pull-Up Current
µA
10
100
OSC IN Input Pull-Up Current
OSC SEL = 0V
OSC SEL = 0V
OSC SEL = VOUT or floating, OSC IN = 0V
V
VOUT - 0.3
VOUT - 0.6
VIH
3.65
2.00
OSC IN External Oscillator
Threshold Voltage
VIL
kHz
100
OSC IN Frequency with
External Capacitor
OSC SEL = 0V, COSC = 47pF
V
POWER-FAIL COMPARATOR
CHIP-ENABLE GATING
INTERNAL OSCILLATOR


Similar Part No. - MAX691AMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691AMJE MAXIM-MAX691AMJE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
More results

Similar Description - MAX691AMJE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com