Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX2N6766 Datasheet(PDF) 2 Page - International Rectifier

Part # JANTX2N6766
Description  Repetitive Avalanche Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6766 Datasheet(HTML) 2 Page - International Rectifier

  JANTX2N6766 Datasheet HTML 1Page - International Rectifier JANTX2N6766 Datasheet HTML 2Page - International Rectifier JANTX2N6766 Datasheet HTML 3Page - International Rectifier JANTX2N6766 Datasheet HTML 4Page - International Rectifier JANTX2N6766 Datasheet HTML 5Page - International Rectifier JANTX2N6766 Datasheet HTML 6Page - International Rectifier JANTX2N6766 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF250
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction to Case
0.83
RthJA
Junction to Ambient
30
Typical socket mount
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
3 0
ISM
Pulse Source Current (Body Diode) ➀
120
VSD
Diode Forward Voltage
1.9
V
Tj = 25°C, IS =30A, VGS = 0V ➃
trr
Reverse Recovery Time
950
nS
Tj = 25°C, IF = 30A, di/dt ≤100A/µs
QRR
Reverse Recovery Charge
9.0
µc
VDD ≤50V ➃
t on
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
2 00
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.29
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.085
VGS = 10V, ID =19A➃
Resistance
0.090
VGS =10V, ID =30A ➃
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID =250µA
gfs
Forward Transconductance
9.0
S ( )
VDS > 15V, IDS =19A➃
IDSS
Zero Gate Voltage Drain Current
2 5
VDS=160V, VGS=0V
250
VDS =160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS =20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS =-20V
Qg
Total Gate Charge
5 5
1 1 5
VGS =10V, ID=30A
Qgs
Gate-to-Source Charge
8
2 2
nC
VDS =100V
Qgd
Gate-to-Drain (‘Miller’) Charge
3 0
6 0
td(on)
Turn-On Delay Time
3 5
VDD =100V, ID =30A,
t r
Rise Time
1 9 0
RG =2.35Ω
td(off)
Turn-Off Delay Time
170
tf
Fall Time
130
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
3500
VGS = 0V, VDS =25V
Coss
Output Capacitance
700
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
110
nA
nH
ns
µA
Measured from the center of
drain pad to center of source
pad


Similar Part No. - JANTX2N6766

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
logo
Microsemi Corporation
JANTX2N6766 MICROSEMI-JANTX2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
More results

Similar Description - JANTX2N6766

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
   Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6851 IRF-JANTX2N6851_15 Datasheet
248Kb / 7P
   Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com