Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6822RUK-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6822RUK-T
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6822RUK-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6822RUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX6822RUK-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Disable the watchdog function by leaving WDI uncon-
nected or by three-stating the driver connected to WDI.
The watchdog input is internally driven low during the
first 7/8 of the watchdog timeout period and high for the
last 1/8 of the watchdog timeout period. When WDI is left
unconnected, this internal driver clears the 1.6s timer
every 1.4s. When WDI is three-stated or unconnected,
the maximum allowable leakage current is 10µA and the
maximum allowable load capacitance is 200pF.
Applications Information
Watchdog Input Current
The MAX6821/MAX6822/MAX6823/MAX6824 WDI inputs
are internally driven through a buffer and series resistor
from the watchdog timer (Figure 1). When WDI is left
unconnected, the watchdog timer is serviced within the
watchdog timeout period by a low-high-low pulse from
the counter chain. For minimum watchdog input current
(minimum overall power consumption), leave WDI low for
the majority of the watchdog timeout period, pulsing it
low-high-low once within the first 7/8 of the watchdog
timeout period to reset the watchdog timer. If WDI is
externally driven high for the majority of the timeout peri-
od, up to 160µA can flow into WDI.
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output on the MAX6822 is open drain,
it interfaces easily with µPs that have bidirectional reset
pins, such as the Motorola 68HC11. Connecting the µP
supervisor’s RESET output directly to the microcon-
troller’s RESET pin with a single pullup resistor allows
either device to assert reset (see Figure 4).
Negative-Going VCC Transients
These supervisors are relatively immune to short-dura-
tion, negative-going VCC transients (glitches), which
usually do not require the entire system to shut down.
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
6
_______________________________________________________________________________________
Figure 1. Functional Diagram
Figure 2. Reset Timing Diagram
VCC
1V
1V
tRD
VTH
VTH
tRD
RESET
GND
RESET
tRP
tRP
MAX6821–
MAX6825
VCC
VCC
WDI
(MAX6821– MAX6824)
1.26V
GND
RESET
(MAX6821/MAX6824/ MAX6825)
RESET (MAX6822
MAX6825)
MR
(MAX6821/MAX6822/MAX6823,
MAX6825)
RESET
GENERATOR
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR


Similar Part No. - MAX6822RUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6822UK-T MAXIM-MAX6822UK-T Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6822_UK-T MAXIM-MAX6822_UK-T Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
More results

Similar Description - MAX6822RUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com