Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8670402VPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670402VPA
Description  QML CLASS V, CURRENT-MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8670402VPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-8670402VPA Datasheet HTML 1Page - Texas Instruments 5962-8670402VPA Datasheet HTML 2Page - Texas Instruments 5962-8670402VPA Datasheet HTML 3Page - Texas Instruments 5962-8670402VPA Datasheet HTML 4Page - Texas Instruments 5962-8670402VPA Datasheet HTML 5Page - Texas Instruments 5962-8670402VPA Datasheet HTML 6Page - Texas Instruments 5962-8670402VPA Datasheet HTML 7Page - Texas Instruments 5962-8670402VPA Datasheet HTML 8Page - Texas Instruments 5962-8670402VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
4
5
6
7
8
GROUND
OUTPUT
V
CC
V
REF
R /C
T
T
I
SENSE
V
FB
COMP
JG PACKAGE
(TOP VIEW)
11
A/B
Vcc
7 12
5
9
GROUND
4
7
RT/CT
2
3
VFB
1
1
COMP
3
5
CURRENT
SENSE
34 V
2.50 V
OSC
UVLO
S/R
5 V
REF
VREF
Good
Logic
Internal
BIAS
Error
Amp
2R
R
1 V
CURRENT
SENSE
COMPARATOR
PWM
LATCH
S
R
T
8 14
VREF
5 V
50 mA
7
VC
10
6
OUTPUT
8
5
POWER
GROUND
Note 1:
A = DIL−8 Pin Number. B = SO−14 and CFP−14 Pin Number
.
UC1843-SP
www.ti.com
SLUS981 – MARCH 2010
QML CLASS V, CURRENT-MODE PWM CONTROLLER
Check for Samples: UC1843-SP
1
FEATURES
QML-V Qualified, SMD 5962-86704
Rad-Tolerant: 50 kRad (Si) TID (ELDRS Free) (1)
Controlled Baseline
Optimized For Off-line and DC-to-DC
Converters
Low Start-Up Current (<1 mA)
Automatic Feed Forward Compensation
Pulse-by-Pulse Current Limiting
Enhanced Load Response Characteristics
Under-Voltage Lockout With Hysteresis
Double Pulse Suppression
High Current Totem Pole Output
Internally Trimmed Bandgap Reference
500-kHz Operation
Low RO Error Amp
xxx
(1)
Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 10 mrad/sec. Radiation Lot
Acceptance Testing is available - contact factory for details.
DESCRIPTION
The UC1843 family of control devices provides the necessary features to implement off-line or dc-to-dc fixed
frequency current mode control schemes with a minimal external parts count. Internally implemented circuits
include under-voltage lockout featuring start up current less than 1 mA, a precision reference trimmed for
accuracy at the error amp input, logic to insure latched operation, a PWM comparator which also provides
current limit control, and a totem pole output stage designed to source or sink high peak current. The output
stage, suitable for driving N-Channel MOSFETs, is low in the off state. The under-voltage lockout threshold is
8.4 V and maximum duty cycle range is around 100%.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-8670402VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670402VPA TI-5962-8670402VPA Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - 5962-8670402VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com